Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACAS0612 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ACAS0612
Description  Precision Thin Film Chip Resistor Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACAS0612 Datasheet(HTML) 1 Page - Vishay Siliconix

  ACAS0612 Datasheet HTML 1Page - Vishay Siliconix ACAS0612 Datasheet HTML 2Page - Vishay Siliconix ACAS0612 Datasheet HTML 3Page - Vishay Siliconix ACAS0612 Datasheet HTML 4Page - Vishay Siliconix ACAS0612 Datasheet HTML 5Page - Vishay Siliconix ACAS0612 Datasheet HTML 6Page - Vishay Siliconix ACAS0612 Datasheet HTML 7Page - Vishay Siliconix ACAS0612 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACAS 0612 - Precision
www.vishay.com
Vishay Beyschlag
Revision: 12-Apr-13
1
Document Number: 28751
For technical questions, contact: thinfilmarray@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision Thin Film Chip Resistor Array
The ACAS 0612 thin film chip resistor arrays combine the
proven reliability of precision thin film chip resistor products
with the advantages of chip resistor arrays. Defined relative
tolerance (matching) and relative TCR (tracking) make this
product perfectly suited for applications with outstanding
requirements towards stable fixed resistor ratios. A small
package enables the design of high density circuits in
combination with reduction of assembly costs. The ACAS is
available with equal or different resistor values.
FEATURES
• Advanced thin film technology
• Two pairs or four equal resistor values
• Relative TCR down to ± 5 ppm/K (tracking)
• Relative tolerance down to ± 0.05 % (matching)
• Pure Sn termination on Ni barrier layer
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Precision analogue circuits
• Voltage divider
• Feedback circuits
• Signal conditioning
Notes
• The relative figures of tolerance, TCR and drift are related to a medial axis between the maximum and minimum permissable deviation of
the resistor array. For detailed information please refer to the application note: Increasing Accuracy in Feedback Circuits and Voltage
Dividers with Thin Film Chip Resistor Arrays (www.vishay.com/doc?28194).
(1) Resistance values to be selected from E24; E192.
(2) For higher max. film temperature and AEC-Q200 qualification please refer to data sheet ACAS 0606 AT, ACAS 0612 AT - Precision available
on our web site at www.vishay.com/doc?28770.
TECHNICAL SPECIFICATIONS
DESCRIPTION
ACAS 0612
EIA size
0612
Metric size
RR1632M
Configuration, isolated
4 x 0603
Design:
All equal
AE
Two pairs
TP
Resistance values
47
 to 221 k (1)
Absolute tolerance
± 0.1 %
Relative tolerance
± 0.05 %
Absolute temperature coefficient
± 25 ppm/K; ± 15 ppm/K; ± 10 ppm/K
Relative temperature coefficient
± 15 ppm/K; ± 10 ppm/K; ± 5 ppm/K
Max. resistance ratio Rmin./Rmax.
1:5
Rated dissipation: P70
Element
0.1 W
Package, 4 x 0603
0.3 W
Operating voltage
75 V
Operating temperature range
- 55 °C to 125 °C
Permissible film temperature
125 °C (2)
Insulation voltage (Uins) against ambient and between
isolated resistors, continuous
75 V


Similar Part No. - ACAS0612

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0612 VISHAY-ACAS0612 Datasheet
163Kb / 6P
Precision Thin Film Chip Resistor Array
11-Sep-08
ACAS0612 VISHAY-ACAS0612 Datasheet
161Kb / 6P
Professional Thin Film Chip Resistor Array
11-Sep-08
ACAS0612 VISHAY-ACAS0612 Datasheet
146Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
ACAS0612 VISHAY-ACAS0612 Datasheet
120Kb / 7P
Professional Thin Film Chip Resistor Array
13-Dec-12
ACAS0612110R11K1P1 VISHAY-ACAS0612110R11K1P1 Datasheet
161Kb / 6P
Professional Thin Film Chip Resistor Array
11-Sep-08
More results

Similar Description - ACAS0612

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
Automotive Precision Thin Film Chip Resistor Array
11-Sep-08
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
Precision Thin Film Chip Resistor Array
11-Sep-08
ACAC0612 VISHAY-ACAC0612_1 Datasheet
161Kb / 6P
Professional Thin Film Chip Resistor Array
11-Sep-08
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
06-Nov-09
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
logo
Riedon Powertron
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
Thin Film Precision Chip Resistor
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
Thin Film Precision Chip Resistor
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
Precision Thin Film Chip Resistor
7/8/2022
logo
Vishay Siliconix
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
17-Aug-2022
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
Precision Thin Film Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com