Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CCB
Description  Thin Film Resistor Divider Network on Alumina, User Trimmable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CCB Datasheet(HTML) 2 Page - Vishay Siliconix

  CCB Datasheet HTML 1Page - Vishay Siliconix CCB Datasheet HTML 2Page - Vishay Siliconix CCB Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CC7, CCB
www.vishay.com
Vishay Electro-Films
Revision: 18-Apr-13
2
Document Number: 61012
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches
SCHEMATIC
MECHANICAL SPECIFICATIONS
PARAMETER
VALUE
Chip Size
0.030" x 0.030" ± 0.003" (0.76 mm x 0.76 mm ± 0.08 mm)
0.050" x 0.050" ± 0.003" (1.27 mm x 1.27 mm ± 0.08 mm)
Chip Thickness
0.010" ± 0.002" (0.25 mm ± 0.03 mm)
Chip Substrate Material
99.6 % alumina, 2 microinch to 4 microinch finish
Resistor Material
Nichrome
Bonding Pad Size
0.005" x 0.005" (0.12 mm x 0.12 mm) min.
Number of Pads
6
Pad Material
25 kÅ minimum gold standard
Backing
None
GLOBAL PART NUMBER INFORMATION
Global Part Number: CC750000KCKKGNHWS
Global Part Number Description: CC7 5K 10 % RT 0.25 % 100 ppm/°C 10 ppm/°C Au None H WS
MODEL
RESISTANCE
(R TOTAL)
RESISTANCE
MULTILPLIER
CODE
TOL.
CODE
(%)
RATIO
TOL.
(%)
TCR
(ppm/°C)
TC
TRACK
(ppm/°C)
TERMINATION
BACK
METAL
VISUAL
CLASS
PACKAGING
CODE
CC7 =
30 x 30
size
CCB =
50 x 50
size
First 4
digits are
significant
figures of
resistance
B = 0.01
A = 0.1
0 = 1
1 = 10
B = 0.1
C = 0.25
D = 0.5
F = 1.0
G = 2.0
J = 5.0
K = 10
B = 0.1
C = 0.25
D = 0.5
F = 1.0
G = 2.0
U = User
N = No
E = ± 25
C = ± 50
K = ± 100
M = ± 250
G = ± 2
J = ± 5
K = ± 10
N = No
G = Au
A = Al
G =
Au
N =
None
H =
Class H
K =
Class K
WS =
Waffle pack
100 min.,
1 mult
0.050
0.005
0.050
0.035
0.0075
CCB
0.005
0.030
0.005
0.030
0.016
0.005
CC7
0.005
RA
RB
RT = RA + RB
000
K
K
K
G
C
5
7
CC
0
N
HW
S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com