Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CCB
Description  Thin Film Resistor Divider Network on Alumina, User Trimmable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CCB Datasheet(HTML) 1 Page - Vishay Siliconix

  CCB Datasheet HTML 1Page - Vishay Siliconix CCB Datasheet HTML 2Page - Vishay Siliconix CCB Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CC7, CCB
www.vishay.com
Vishay Electro-Films
Revision: 18-Apr-13
1
Document Number: 61012
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Resistor Divider Network on Alumina, User Trimmable
Product may not be to scale
The CC7 and CCB series resistor chips offer the
combination of user trimmability, low shunt capacitance and
excellent stability. The CC7 and CCB can be specified as
either a single RT value resistor, as two resistors with a
center tap feature (1:1 ratio or custom) ratio or user
trimmable.
The CC7 and CCBs a six bonding pads allows the user
increased layout flexibility. The CC7 and CCBs are
manufactured using Vishay Electro-Films (EFI) sophisticated
thin film equipment and manufacturing technology. They are
100 % electrically tested and visually inspected to
MIL-STD-883, method 2032 class H or class K.
FEATURES
• Wire bondable
• Small single chip size
CC7 - 0.030" x 0.030"
CCB - 0.050" x 0.050"
• Case: 0303, 0505
• Alumina substrate
• Low stray capacitance: < 0.2 pF
• Resistance range RT: 
100
 to 20 k for CC7
100
 to 50 k for CCB
• Resistor material: Nichrome
• User trimmable
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Vishay EFI CC7 and CCB chip resistors provide excellent
high frequency response and are ideally suited for
prototyping.
Typical application areas are:
•Amplifiers
• Oscillators
• Attenuators
•Couplers
•Filters
Recommended for hermetic environments where die is not
exposed to moisture
Note
• Performance characteristics are not guaranteed once user trimmed
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total Resistance Range
100 to 50K
Standard Tolerances
± 0.1
%
TCR
± 10, ± 25, ± 50, ± 100
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, Method 308
- 20 typ.
dB
Stability, 1000 h, + 125 °C at Rated Power
+ 0.1 max.
R/R
%
Operating Temperature Range
- 55 to + 125
°C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
+ 0.25 max.
R/R
%
High Temperature Exposure, + 150 °C, 100 h
+ 0.25 max.
R/R
%
Dielectric Voltage Breakdown
400
V
Insulation Resistance
1012 min.
Operating Voltage
100 max.
V
DC Power Rating at 125 °C
0.1 max. (50 mil)
W
0.05 max. (30 mil)
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
+ 0.25 max.
R/R
%
± 25 ppm/°C
0.1 %
100
Ω
Tightest Standard Tolerance Available
± 100 ppm/°C
± 50 ppm/°C
50 k
Ω
200
Ω
1 k
Ω
± 10 ppm/°C


Similar Part No. - CCB

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CCB-1 CLIFF-CCB-1 Datasheet
454Kb / 2P
DC Power Connectors
CCB-1 CLIFF-CCB-1 Datasheet
467Kb / 2P
DC Power Connectors
CCB-1A CLIFF-CCB-1A Datasheet
454Kb / 2P
DC Power Connectors
CCB-1A CLIFF-CCB-1A Datasheet
467Kb / 2P
DC Power Connectors
logo
List of Unclassifed Man...
CCB-34 ETC-CCB-34 Datasheet
896Kb / 1P
Cable Comb™ Cable Organizing Tool - CCB-34
More results

Similar Description - CCB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CC1 VISHAY-CC1 Datasheet
99Kb / 3P
Thin Film 0402 Size Resistor on Alumina
27-May-13
CC2 VISHAY-CC2 Datasheet
109Kb / 3P
Thin Film 0303 Size Resistor on Alumina
05-Apr-13
CC4 VISHAY-CC4 Datasheet
76Kb / 3P
Thin Film 0510 Size Resistor on Alumina
27-May-13
CC5 VISHAY-CC5 Datasheet
89Kb / 3P
Thin Film 1010 Size Resistor on Alumina
27-May-13
CC6 VISHAY-CC6 Datasheet
92Kb / 3P
Thin Film 0304 Size Resistor on Alumina
27-May-13
CC8 VISHAY-CC8 Datasheet
82Kb / 3P
Thin Film 0202 Size Resistor on Alumina
05-Apr-13
M83401 VISHAY-M83401 Datasheet
92Kb / 4P
Thin Film Resistor Network Military
01-Mar-13
MPM VISHAY-MPM_17 Datasheet
105Kb / 3P
Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
12-Jul-13
100267 VISHAY-100267 Datasheet
70Kb / 3P
Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
15-Sep-2021
CCC VISHAY-CCC Datasheet
67Kb / 3P
Thin Film, 1010 Center-Tapped Resistor Divider Network on Alumina
20-Mar-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com