Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCB Datasheet (PDF) - Vishay Siliconix

CCB Datasheet PDF - Vishay Siliconix
Part # CCB
Download  CCB Download
File Size   67.94 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film Resistor Divider Network on Alumina, User Trimmable

CCB Datasheet (PDF)

Go To PDF Page Download Datasheet
CCB Datasheet PDF - Vishay Siliconix

Part # CCB
Download  CCB Click to download

File Size   67.94 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film Resistor Divider Network on Alumina, User Trimmable

CCB Datasheet (HTML) - Vishay Siliconix


CCB Product details

FEATURES
• Wire bondable
• Small single chip size
CC7 - 0.030" x 0.030"
CCB - 0.050" x 0.050"
• Case: 0303, 0505
• Alumina substrate
• Low stray capacitance: < 0.2 pF
• Resistance range RT:
100  to 20 k for CC7
100  to 50 k for CCB
• Resistor material: Nichrome
• User trimmable
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - CCB

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CCB-1 CLIFF-CCB-1 Datasheet
454Kb / 2P
DC Power Connectors
CCB-1 CLIFF-CCB-1 Datasheet
467Kb / 2P
DC Power Connectors
CCB-1A CLIFF-CCB-1A Datasheet
454Kb / 2P
DC Power Connectors
CCB-1A CLIFF-CCB-1A Datasheet
467Kb / 2P
DC Power Connectors
logo
List of Unclassifed Man...
CCB-34 ETC-CCB-34 Datasheet
896Kb / 1P
Cable Comb™ Cable Organizing Tool - CCB-34
More results


Similar Description - CCB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CC1 VISHAY-CC1 Datasheet
99Kb / 3P
Thin Film 0402 Size Resistor on Alumina
27-May-13
CC2 VISHAY-CC2 Datasheet
109Kb / 3P
Thin Film 0303 Size Resistor on Alumina
05-Apr-13
CC4 VISHAY-CC4 Datasheet
76Kb / 3P
Thin Film 0510 Size Resistor on Alumina
27-May-13
CC5 VISHAY-CC5 Datasheet
89Kb / 3P
Thin Film 1010 Size Resistor on Alumina
27-May-13
CC6 VISHAY-CC6 Datasheet
92Kb / 3P
Thin Film 0304 Size Resistor on Alumina
27-May-13
CC8 VISHAY-CC8 Datasheet
82Kb / 3P
Thin Film 0202 Size Resistor on Alumina
05-Apr-13
M83401 VISHAY-M83401 Datasheet
92Kb / 4P
Thin Film Resistor Network Military
01-Mar-13
MPM VISHAY-MPM_17 Datasheet
105Kb / 3P
Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
12-Jul-13
100267 VISHAY-100267 Datasheet
70Kb / 3P
Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
15-Sep-2021
CCC VISHAY-CCC Datasheet
67Kb / 3P
Thin Film, 1010 Center-Tapped Resistor Divider Network on Alumina
20-Mar-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com