Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT810Q-R Datasheet(PDF) 18 Page - Bridgetek Pte Ltd.

Part # FT810Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT810Q-R Datasheet(HTML) 18 Page - Bridgetek Pte Ltd.

Back Button FT810Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
Copyright © Bridgetek Pte Ltd
18
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
1st Byte
2nd byte
3rd byte
Command
Description
Byte2
[7:6]
sets the PLL range
0
When Byte2[5:0] = 0, 2, 3
1
When Byte2[5:0] = 4, 5
01101000b
00000000b
00000000b
68h
RST_PULSE
Send reset pulse to FT81x core. The
behaviour is the same as POR except that
settings done through SPI commands will
not be affected
Configuration
01110000b
xx
00000000b
70h
PINDRIVE
This will set the drive strength for various
pins. For FT800/FT801 compatibility, by
default those settings are from the GPIO
registers. FT81x supports setting the drive
strength via SPI command instead.
When PINDRIVE for a pin from the SPI
command is not updated, the drive strength
will be determined by its corresponding
GPIO register bits, if they exist. If they don’t
exist, a hard coded setting is used. Please
refer to Error! Reference source not
found. for default values.
When PINDRIVE for a pin from the SPI
command is updated, it will override the
corresponding setting in the GPIO register
bits.
Byte2 determines which pin and the setting
are to be updated.
Byte2[1:0] determine the drive strength:
Byte2
[1:0]
Drive Strength
0h
5mA
1h
10.0mA
2h
15.0mA
3h
20.0mA
Byte[7:2] determine which pin/pin group to
set:
Byte2
[7:2]
Pin / Pin Group
00h
GPIO 0
01h
GPIO 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com