Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT810Q-R Datasheet(PDF) 17 Page - Bridgetek Pte Ltd.

Part # FT810Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT810Q-R Datasheet(HTML) 17 Page - Bridgetek Pte Ltd.

Back Button FT810Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
Copyright © Bridgetek Pte Ltd
17
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
1st Byte
2nd byte
3rd byte
Command
Description
01000001b
00000000b
00000000b
41h
STANDBY
Put FT81x core to standby mode. Clock gate
off, PLL and Oscillator remain on (default).
ACTIVE command to wake up.
01000010b
00000000b
00000000b
42h
SLEEP
Put FT81x core to sleep mode. Clock gate
off, PLL and Oscillator off. ACTIVE command
to wake up.
01000011b
01010000b
00000000b
00000000b
43h/50h
PWRDOWN
Switch off 1.2V core voltage to the digital
core circuits. Clock, PLL and Oscillator off.
SPI is alive. ACTIVE command to wake up.
01000100b
xx
00000000b
49h
PD_ROMS
Select power down individual ROMs; Byte2
determines which ROM to power down or
up. A 1 on a bit powers down the
corresponding block; a 0 on a bit powers up
the corresponding block. As these are not
readable, the host must remember the
setting on its own.
Byte2[7]
ROM_MAIN
Byte2[6]
ROM_RCOSATAN
Byte2[5]
ROM_SAMPLE
Byte2[4]
ROM_JABOOT
Byte2[3]
ROM_J1BOOT
Byte2[2-
0]
reserved
Clock and Reset
01000100b
00000000b
00000000b
44h
CLKEXT
Select PLL input from external crystal
oscillator or external input clock. No effect if
external clock is already selected, otherwise
a system reset will be generated
01001000b
00000000b
00000000b
48h
CLKINT
Select PLL input from internal relaxation
oscillator (default). No effect if internal clock
is already selected, otherwise a system
reset will be generated
01100001b
01100010b
xx
00000000b
61h/62h
CLKSEL
This command will only be effective when
the PLL is stopped (SLEEP mode).
For compatibility to FT800/FT801, set Byte2
to 0x00. This will set the PLL clock back to
default (60 MHz).
Byte2
[5:0]
sets the clock frequency
0
Set to default clock speed
1
Reserved
2 to 5
2 to 5 times the osc
frequency (i.e. 24 to 60MHz
with 12MHz oscillator)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com