Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT810Q-R Datasheet(PDF) 15 Page - Bridgetek Pte Ltd.

Part # FT810Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT810Q-R Datasheet(HTML) 15 Page - Bridgetek Pte Ltd.

Back Button FT810Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
Copyright © Bridgetek Pte Ltd
15
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
Figure 4-3 Quad SPI Interface connection
4.1.2
Serial Data Protocol
The FT81x appears to the host MPU/MCU as a memory-mapped SPI device. The host communicates with
the FT81x using reads and writes to a large (4 megabyte) address space. Within this address space are
dedicated areas for graphics, audio and touch control. Refer to section 5 for the detailed memory map.
The host reads and writes the FT81x address space using SPI transactions. These transactions are
memory read, memory write and command write. Serial data is sent by the most significant bit first.
Each transaction starts with CS_N goes low, and ends when CS_N goes high. There’s no limit on data
length within one transaction, as long as the memory address is continuous.
4.1.3
Host Memory Read
For SPI memory read transactions, the host sends two zero bits, followed by the 22-bit address. This is
followed by a dummy byte. After the dummy byte, the FT81x responds to each host byte with read data
bytes.
Byte n
Table 4-2 Host memory read transaction
7
6
5
4
3
2
1
0
0
0
Address [21:16]
Address [15:8]
Address [7:0]
Dummy byte
Byte 0
GND
GND
SCLK
MISO
IO2
SS#
PD#
INT#
SCK
IO1
IO2
CS_N
PD_N
INT_N
FT81x
1.8-3.3V
VCCIO1
3.3V
VCC
4.7k
MPU/MCU
MOSI
IO3
IO0
IO3
Read Data
Write
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com