Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT933Q-R Datasheet(PDF) 42 Page - Bridgetek Pte Ltd.

Part # FT933Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT933Q-R Datasheet(HTML) 42 Page - Bridgetek Pte Ltd.

Back Button FT933Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
Copyright © Bridgetek Pte Ltd
42
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
5.2
DC Characteristics
Electrical Characteristics (Ambient Temperature = -40°C to +85°C)
The typical values are obtained at room temperature (Tj = 25°C), VCC3V3 = 3.3V, and VCC1V2 = 1.2V.
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCCIO3V3
I/O operating supply
voltage
2.97
3.3
3.63
V
Normal
Operation
Icc1
Power down current
-
780
-
uA
Power Down
Mode
Icc2
Idle current
-
43
-
mA
Idle
Icc3
System operating
current*
-
75
-
mA
USB2.0 Device
controller high
speed transfer
data
-
48
-
mA
ADC / DAC
Operation
IOL/OH
High level/Low level
total maximum
output current
-
-
96
mA
For all GPIOs
VCC1V2
Internal LDO voltage
-
1.2
-
V
Normal
Operation
Table 5-2 Operating Voltage and Current
Note*: The system operating typical current measured based on each function implements normal
operation with FT32B core active, and other peripherals keep idle status.
DC characteristics of I/O cells
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage
High
2.4
-
-
V
|Ioh|=2mA~16m
A
Vol
Output Voltage
Low
-
-
0.4
V
|Iol|=2mA~16mA
Vopu*
Output pull-up
Voltage for 5V
tolerance I/Os
VCCIO3V3-
0.9
-
-
V
|Ipu| = 1uA
Vih
Input High Voltage
2.0
-
-
V
LVTTL
Vil
Input Low Voltage
-
-
0.8
V
LVTTL
Vth
Schmitt trigger
positive threshold
Voltage
-
1.6
2.0
V
LVTTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com