Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT933Q-R Datasheet(PDF) 53 Page - Bridgetek Pte Ltd.

Part # FT933Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT933Q-R Datasheet(HTML) 53 Page - Bridgetek Pte Ltd.

Back Button FT933Q-R Datasheet HTML 49Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 50Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 51Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 52Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 53Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 54Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 55Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 56Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 57Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
Copyright © Bridgetek Pte Ltd
53
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
Figure 6-5 GPIO I/O Port Connection
6.4
USB2.0 Device Interface
The example diagram in Figure 6-6 shows the FT93x series supporting one USB2.0 device port which
makes FT93x system data transfer easier via a USB adapter.
Figure 6-6 USB2.0 Port Connection
The FT93x system shall provide I/O power (+3.3V supply) on VUSB3V3.
The internal band-gap gets a reference voltage from DRREF with an external reference resistor R (12KΩ
±1%) connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com