Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT933Q-R Datasheet(PDF) 45 Page - Bridgetek Pte Ltd.

Part # FT933Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT933Q-R Datasheet(HTML) 45 Page - Bridgetek Pte Ltd.

Back Button FT933Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 48Page - Bridgetek Pte Ltd. FT933Q-R Datasheet HTML 49Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
Copyright © Bridgetek Pte Ltd
45
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
RTC clock dynamic characteristics
Parameter
Value
Unit
Minimum
Typical
Maximum
Crystal oscillator
Clock frequency
-
32768
-
Hz
External clock input
External clock jitter
-
-
500
ps
Clock duty cycle
45
50
55
%
Startup time
-
0.5
5
s
Input voltage on pin
RTC_XI/RTC_CLKIN
-
1.2
-
V
Table 5-6 RTC clock characteristics
Analog USB I/O pins dynamic characteristics
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Driver characteristic for high speed
Thsr
High speed differential
rise time
500
-
-
ps
-
Thsf
High speed differential
fall time
500
-
-
ps
-
Driver characteristic for full speed
Tfr
Rise time of DP/DM
4
-
20
ns
Cl=50pF
10%~90% of |Voh–Vol|
Tff
Fall time of DP/DM
4
-
20
ns
Cl=50pF
10%~90% of |Voh–Vol|
Tfrma
Differential rise/fall
time matching
90
-
110
%
The first transition
exclude from the
idle mode
Driver characteristic for low speed
Tlr
Rise time of DP/DM
75
-
300
ns
Cl=200pF~600pF
10%~90% of |Voh–Vol|
Tlf
Fall time of DP/DM
75
-
300
ns
Cl=200pF~600pF
10%~90% of |Voh–Vol|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com