Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0211C Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DGD0211C
Description  1.9A HIGH SPEED SINGLE GATE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0211C Datasheet(HTML) 4 Page - Diodes Incorporated

  DGD0211C Datasheet HTML 1Page - Diodes Incorporated DGD0211C Datasheet HTML 2Page - Diodes Incorporated DGD0211C Datasheet HTML 3Page - Diodes Incorporated DGD0211C Datasheet HTML 4Page - Diodes Incorporated DGD0211C Datasheet HTML 5Page - Diodes Incorporated DGD0211C Datasheet HTML 6Page - Diodes Incorporated DGD0211C Datasheet HTML 7Page - Diodes Incorporated DGD0211C Datasheet HTML 8Page - Diodes Incorporated DGD0211C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DGD0211C
Document number: DS42459 Rev. 3 - 2
4 of 10
www.diodes.com
November 2021
© Diodes Incorporated
DGD0211C
DC Electrical Characteristics (VBIAS (VCC, VBS) = 12V, @TA = +25°C, unless otherwise specified.) (Note 6)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Logic “1” Input Voltage
VIH
2.4
1.6
—
V
—
Logic “0” Input Voltage
VIL
—
1.3
0.8
V
—
Logic “1” Input Bias Current
IIN+
—
—
5
µA
VIN = 3V, VIN* = 0V
Logic “0” Input Bias Current
IIN-
—
—
2
µA
VIN = 0V, VIN* = 3V
High Level Output Voltage, VBIAS - VO
VOH
—
25
—
mV
—
Low Level Output Voltage
VOL
—
25
—
mV
—
Quiescent VCC Supply Current
ICCQ
—
50
100
µA
VIN = 0V or 3V
Output High Short Circuit Pulsed Current
IO+
—
1.9
—
A
—
Output Low Short Circuit Pulsed Current
IO-
—
1.8
—
A
—
Output Reverse Current Withstand
IRVS
—
250
—
mA
—
Note:
6. The VIN and IIN parameters are applicable to the logic input pin: IN and IN*. The VO and IO parameters are applicable to the output pin: OUT.
AC Electrical Characteristics (VCC = 12V, @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Turn-On Rise Time
tr
—
15
25
ns
CL = 1000pF
Turn-Off Fall Time
tf
—
15
25
ns
CL = 1000pF
Turn-On Propagation Delay
tON
—
35
50
ns
—
Turn-Off Propagation Delay
tOFF
—
35
55
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com