Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0211C Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD0211C
Description  1.9A HIGH SPEED SINGLE GATE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0211C Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD0211C Datasheet HTML 1Page - Diodes Incorporated DGD0211C Datasheet HTML 2Page - Diodes Incorporated DGD0211C Datasheet HTML 3Page - Diodes Incorporated DGD0211C Datasheet HTML 4Page - Diodes Incorporated DGD0211C Datasheet HTML 5Page - Diodes Incorporated DGD0211C Datasheet HTML 6Page - Diodes Incorporated DGD0211C Datasheet HTML 7Page - Diodes Incorporated DGD0211C Datasheet HTML 8Page - Diodes Incorporated DGD0211C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DGD0211C
Document number: DS42459 Rev. 3 - 2
1 of 10
www.diodes.com
November 2021
© Diodes Incorporated
DGD0211C
1.9A HIGH SPEED SINGLE GATE DRIVER
Description
The DGD0211C single high speed / low side MOSFET and IGBT driver
is capable of driving 1.9A of peak current. The DGD0211C logic inputs
are compatible with standard TTL and CMOS levels (down to 3.3V) to
interface easily with MCUs. The DGD0211C provides non-inverting and
inverting inputs.
Because of fast propagation times of 35ns typical and rise/fall times of
15ns typical, the DGD0211C is well suited for high speed applications
like switch mode power supplies and PFC circuits.
The DGD0211C is offered in TSOT25 package and the operating
temperature extends from -40°C to +125°C.
Applications
DC-DC Converters
Line Drivers
Motor Controls
Switch Mode Power Supplies
Features
Efficient Low Cost Solution for Driving MOSFETs and IGBTs
Wide Supply Voltage Operating Range: 4.5V to 18V
1.9A Source / 1.8A Sink Output Current Capability
Non-Inverting and Inverting Input Configuration
Fast Propagation Delay (35ns Typ)
Fast Rise and Fall Times (15ns Typ)
Logic Input (IN, IN*) 3.3V Capability
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Package: TSOT25 (Type TH)
Package Material: Molded Plastic
. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads. Solderable per MIL-
STD-202, Method 208
Weight: 0.012 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel Size (inches)
Tape Width (mm)
Packing
Qty.
Carrier
DGD0211CWT-7
D0211C
7
8
3,000
Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
TSOT25
Typical Configuration
D0211C
YYWW
D0211C = Product Type Marking Code
YY = Year (ex: 21 = 2021)
WW = Week (01 to 53)


Similar Part No. - DGD0211C

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
DGD0211CWT-TP TECHPUBLIC-DGD0211CWT-TP Datasheet
4Mb / 7P
Single-Channel, High-Speed, Low-side Gate Driver
logo
Diodes Incorporated
DGD0211CWTQ DIODES-DGD0211CWTQ Datasheet
781Kb / 9P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 1 - 2 April 2022
DGD0211CWTQ-7 DIODES-DGD0211CWTQ-7 Datasheet
781Kb / 9P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 1 - 2 April 2022
More results

Similar Description - DGD0211C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
Single 2A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
Single 1A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
Single 9A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
Single Channel High-Speed, Low-Side Gate Driver
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Diodes Incorporated
DGD0215 DIODES-DGD0215 Datasheet
655Kb / 11P
1.9A HIGH SPEED SINGLE GATE DRIVER
June 2022
DGD0211CWTQ DIODES-DGD0211CWTQ Datasheet
781Kb / 9P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 1 - 2 April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com