Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0211C Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DGD0211C
Description  1.9A HIGH SPEED SINGLE GATE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0211C Datasheet(HTML) 2 Page - Diodes Incorporated

  DGD0211C Datasheet HTML 1Page - Diodes Incorporated DGD0211C Datasheet HTML 2Page - Diodes Incorporated DGD0211C Datasheet HTML 3Page - Diodes Incorporated DGD0211C Datasheet HTML 4Page - Diodes Incorporated DGD0211C Datasheet HTML 5Page - Diodes Incorporated DGD0211C Datasheet HTML 6Page - Diodes Incorporated DGD0211C Datasheet HTML 7Page - Diodes Incorporated DGD0211C Datasheet HTML 8Page - Diodes Incorporated DGD0211C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DGD0211C
Document number: DS42459 Rev. 3 - 2
2 of 10
www.diodes.com
November 2021
© Diodes Incorporated
DGD0211C
Pin Diagrams
Pin Descriptions
Pin Number
Pin Name
Function
1
VCC
Supply Input
2
COM
Supply Return
3
IN
Non-Inverting Logic Input, see Input/Output Response Table (Connect to Vcc to Enable Output)
4
IN*
Inverting Logic Input, see Input/Output Response Table (Connect to COM to Enable Output)
5
OUT
Gate Drive Output
Functional Block Diagrams
Top View TSOT25
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com