Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10841.5VC2 Datasheet(PDF) 4 Page - Ceramate Technical

Part # CP10841.5VC2
Description  5A Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP10841.5VC2 Datasheet(HTML) 4 Page - Ceramate Technical

  CP10841.5VC2 Datasheet HTML 1Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 2Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 3Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 4Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 5Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 6Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 7Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 8Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CP1084
5A Dropout Linear Regulator
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 4 of 11
Rev 1.0 Jul.6, 2004
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under"Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum
Ratings" for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Operating Junction Temperature Range
TJ
150
oC
Storage Temperature Range
TS
-65
150
oC
Lead Temperature (Soldering, 10 sec.)
TLEAD
300
oC
ESD (Human Body Model)
ESD
2000
V
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
12
V
Operating Junction Temperature Range
TJ
0
125
oC
Absolute Maximum Ratings (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com