Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10841.5VC2 Datasheet(PDF) 6 Page - Ceramate Technical

Part # CP10841.5VC2
Description  5A Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP10841.5VC2 Datasheet(HTML) 6 Page - Ceramate Technical

Back Button CP10841.5VC2 Datasheet HTML 2Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 3Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 4Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 5Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 6Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 7Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 8Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 9Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 10Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CP1084
5A Dropout Linear Regulator
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 6 of 11
Rev 1.0 Jul.6, 2004
Electrical Characteristics (Continued)
Typical and appearing in normal type apply for TJ=25℃. Limits appearing in Boldface type apply over the entire
operating junction temperature range.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
CP1084-ADJ, 0mA≦IOUT≦5A
VIN- VOUT =3V
0.2
0.4
%
CP1084-1.5, 0mA≦IOUT≦5A
VIN- VOUT =3V
7
20
mV
CP1084-1.8, 0mA≦IOUT≦5A
VIN- VOUT =3V
7
20
mV
CP1084-2.5, 0mA≦IOUT≦5A
VIN- VOUT =3V
7
20
mV
CP1084-3.3, 0mA≦IOUT≦5A
VIN- VOUT =3V
7
20
mV
Line Regulation
△V
OUT
CP1084-5.0, 0mA≦IOUT≦5A
VIN- VOUT =3V
10
35
mV
Dropout Voltage
IO=5A, △VREF, ,△VOUT=1%
1.3
1.5
V
Current Limit
ILIMIT
VIN-VOUT=3V
5.5
6.5
A
Minimum Load Current
VIN=10V(CP1084-ADJ)
3
10
mA
Quiescent Current
VIN=10V(CP1084)
5
10
mA
Ripple Rejection
fRIPPLE =120Hz, COUT=25μF Tantalum,
IOUT=5A, VIN-VOUT=3V
60
72
dB
Adjust Pin Current
VIN=4.25V,IOUT=10mA
55
120
μA
Adjust Pin Current Change
10mA≦IOUT≦5A,
1.5V≦(VIN-VOUT)≦4.5V
0.2
5
μA
Temperature Stability
IOUT=10mA, VIN-VOUT=1.5
0.5
%
Long Term Stability
TA=125℃, 1000Hrs
0.5
%
RMS Noise (% of VOUT)
10Hz≦f≦10kHz
0.003
%
Thermal Resistance
Junction-to-Case
θ
JC
3
℃/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com