Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10841.5VC2 Datasheet(PDF) 1 Page - Ceramate Technical

Part # CP10841.5VC2
Description  5A Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP10841.5VC2 Datasheet(HTML) 1 Page - Ceramate Technical

  CP10841.5VC2 Datasheet HTML 1Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 2Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 3Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 4Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 5Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 6Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 7Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 8Page - Ceramate Technical CP10841.5VC2 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CP1084
5A Dropout Linear Regulator
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 1 of 11
Rev 1.0 Jul.6, 2004
General Description
The CP1084 is a series of low dropout positive voltage
regulators with a maximum dropout of 1.5V at 5A of
load current.
The series features on-chip thermal limiting which pro-
vides protection against any combination of overload
and ambient temperatures that would create excessive
junction temperatures. It also includes a trimmed band-
gap reference and a current limiting circuit.
The CP1084 is available in 1.5V, 1.8V, 2.5V, 3.3V,
and 5.0Vversions. The fixed versions integrate the
adjust resistors. It is also available in an adjustable
version which can set the output voltage with two
external resistors.
The CP1084 series is available in standard packages of
TO-263-2L, TO-252.
Features
·
Low Dropout Voltage: 1.3V Typically at 5A
·
Current Limiting and Thermal Protection
·
Output Current: 5A
·
Current Limit: 6.5A
·
Operating Junction Temperature Range:0 to 125oC
·
Line Regulation: 0.015% (Typical)
·
Load Regulation: 0.2% (Typical)
Applications
·
High Efficiency Linear Regulators
·
Battery Chargers
·
Post Regulation for Switching Supply
·
Microprocessor Supply
·
Desktop PCs, RISC and Embedded Processors'
Supply
Figure 1. Package Types of
CP1084
TO-252
TO-263-2L


Similar Part No. - CP10841.5VC2

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP108 CENTRAL-CP108 Datasheet
214Kb / 2P
Schottky Rectifier, Schottky Barrier Rectifier Chip - 2.0 Amp
CP108-1N5819-CT CENTRAL-CP108-1N5819-CT Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
CP108-1N5819-CT CENTRAL-CP108-1N5819-CT Datasheet
530Kb / 9P
PNP - High Voltage Transistor Die
R0 8-August 2019
CP108-CRSH2-4-CT CENTRAL-CP108-CRSH2-4-CT Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
CP108-CRSH2-4-CT CENTRAL-CP108-CRSH2-4-CT Datasheet
530Kb / 9P
PNP - High Voltage Transistor Die
R0 8-August 2019
More results

Similar Description - CP10841.5VC2

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_07 Datasheet
197Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX_07 Datasheet
342Kb / 9P
5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX_15 Datasheet
68Kb / 1P
5A Low-Dropout Linear Regulator
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Eorex Corporation
EP1084 EOREX-EP1084_15 Datasheet
284Kb / 8P
5A Low Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com