Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T54E2M030CSS075 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T54E2M030CSS075
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T54E2M030CSS075 Datasheet(HTML) 4 Page - Vishay Siliconix

  T54E2M030CSS075 Datasheet HTML 1Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 2Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 3Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 4Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 5Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 6Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 7Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 8Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
T54
www.vishay.com
Vishay
Revision: 16-Dec-2022
4
Document Number: 40212
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
T543E: 3 COMPONENT STACK DIMENSIONS in millimeters [inches]
CASE CODE
L
W
H
W2
P
3E
8.0 ± 0.38
(0.315 ± 0.015)
13.6 ± 0.2
(0.535 ± 0.008)
4.8 ± 0.2
(0.189 ± 0.008)
12.0 ± 0.2
(0.472 ± 0.008)
1.9 ± 0.38
(0.075 ± 0.015)
T546E: 6 COMPONENT STACK DIMENSIONS in millimeters [inches]
CASE CODE
L
W
H
W2
P
6E
8.0 ± 0.38
(0.315 ± 0.015)
13.6 ± 0.2
(0.535 ± 0.008)
8.9 ± 0.38
(0.352 ± 0.015)
12.0 ± 0.2
(0.472 ± 0.008)
1.9 ± 0.38
(0.075 ± 0.015)
T54EE: RATINGS AND CASE CODES (ESR mΩ)
μF
16 V
30 V
35 V
50 V
63 V
75 V
15
EE (100)
EE (100)
22
EE (100)
EE (100)
EE (100)
47
EE (70)
EE (100, 70)
150
EE (150, 75, 50)
EE (100, 50)
220
EE (25)
330
EE (25)
470
EE (25)
Side View
Anode (+) End View
L
P
W2
W
L
P
W2
W
Side View
Anode (+) End View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com