Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T54E2M030CSS075 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # T54E2M030CSS075
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T54E2M030CSS075 Datasheet(HTML) 5 Page - Vishay Siliconix

  T54E2M030CSS075 Datasheet HTML 1Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 2Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 3Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 4Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 5Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 6Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 7Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 8Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
T54
www.vishay.com
Vishay
Revision: 16-Dec-2022
5
Document Number: 40212
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Contact marketing for availability of stacked capacitors
Note
• Marking shows discrete capacitor rating
T54Ex / T54xE (1): RATINGS AND CASE CODES (ESR mΩ)
μF
16 V
30 V
35 V
50 V
63 V
75 V
30
E2 (50)
E2 (50)
45
E2 (50)
E2 (50);
E3 / 3E (35)
E2 (50);
E3 / 3E (35)
60
E4 (25)
E4 (25)
66
E3 / 3E (35)
E3 / 3E (35)
E3 / 3E (35)
90
E4 (25)
E4 (25);
6E / E6 (17)
E4 (25);
6E / E6 (17)
95
E2 (35, 28)
E2 (50)
130
E6 / 6E (17)
6E / E6 (17)
6E / E6 (17)
140
E3 / 3E (25, 18)
E3 / 3E (35)
190
E4 (18, 14)
E4 (25)
280
E6 / 6E (12, 10)
E6 / 6E (17)
300
E2 (75, 38)
E2 (25, 50)
450
E2 (13)
E3 / 3E (50, 25)
E3 / 3E (17, 34)
600
E4 (38, 20)
E4 (13, 25)
660
E2 (13);
E3 / 3E (9)
900
E4 (7)
E6 / 6E (25, 13)
E6 / 6E (9, 17)
940
E2 (13, 10)
990
E3 / 3E (9)
1300
E4 (7);
E6 / 6E (5)
1400
E3 / 3E (9, 7)
1900
E4 (7, 5)
2000
E6 / 6E (5)
2800
E6 / 6E (5)
MARKING
330 16V
Anode polarity marks
Vishay identification mark
+ + +
T54 2
Voltage
Capacitance
Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com