Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T54E2M030CSS075 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # T54E2M030CSS075
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T54E2M030CSS075 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button T54E2M030CSS075 Datasheet HTML 4Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 5Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 6Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 7Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 8Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 9Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 10Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 11Page - Vishay Siliconix T54E2M030CSS075 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
T54
www.vishay.com
Vishay
Revision: 16-Dec-2022
8
Document Number: 40212
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
50 VDC AT +105 °C, 33 VDC AT 125 °C
45
E2
T54E2456M050(1)S(2)050
220
10
50
3.464
125
2000
3
66
E3
T54E3666M050(1)S(2)035
330
10
35
4.140
125
2000
3
66
3E
T543E666M050(1)S(2)035
330
10
35
4.140
125
2000
3
95
E2
T54E2956M050(1)S(2)050
470
10
50
3.464
125
2000
3
90
E4
T54E4906M050(1)S(2)025
440
10
25
4.899
125
2000
3
130
E6
T54E6137M050(1)S(2)017
660
10
17
5.941
125
2000
3
130
6E
T546E137M050(1)S(2)017
660
10
17
5.941
125
2000
3
140
E3
T54E3147M050(1)S(2)035
705
10
35
4.140
125
2000
3
140
3E
T543E147M050(1)S(2)035
705
10
35
4.140
125
2000
3
190
E4
T54E4197M050(1)S(2)025
940
10
25
4.899
125
2000
3
280
E6
T54E6287M050(1)S(2)017
1410
10
17
5.941
125
2000
3
280
6E
T546E287M050(1)S(2)017
1410
10
17
5.941
125
2000
3
63 VDC AT +105 °C, 43 VDC AT 125 °C
30
E2
T54E2306M063(1)S(2)050
190
10
50
3.464
125
2000
3
45
E2
T54E2456M063(1)S(2)050
278
10
50
3.464
125
2000
3
45
E3
T54E3456M063(1)S(2)035
285
10
35
4.140
125
2000
3
45
3E
T543E456M063(1)S(2)035
285
10
35
4.140
125
2000
3
60
E4
T54E4606M063(1)S(2)025
380
10
25
4.899
125
2000
3
66
E3
T54E3666M063(1)S(2)035
417
10
35
4.140
125
2000
3
66
3E
T543E666M063(1)S(2)035
417
10
35
4.140
125
2000
3
90
E4
T54E4906M063(1)S(2)025
556
10
25
4.899
125
2000
3
90
E6
T54E6906M063(1)S(2)017
570
10
17
5.941
125
2000
3
90
6E
T546E906M063(1)S(2)017
570
10
17
5.941
125
2000
3
130
E6
T54E6137M063(1)S(2)017
834
10
17
5.941
125
2000
3
130
6E
T546E137M063(1)S(2)017
834
10
17
5.941
125
2000
3
75 VDC AT +105 °C, 50 VDC AT 125 °C
30
E2
T54E2306M075(1)S(2)050
226
10
50
3.464
125
1000
3
45
E2
T54E2456M075(1)S(2)050
330
12
50
3.464
125
2000
3
45
E3
T54E3456M075(1)S(2)035
339
10
35
4.140
125
1000
3
45
3E
T543E456M075(1)S(2)035
339
10
35
4.140
125
1000
3
60
E4
T54E4606M075(1)S(2)025
452
10
25
4.899
125
1000
3
66
E3
T54E3666M075(1)S(2)035
495
12
35
4.140
125
2000
3
66
3E
T543E666M075(1)S(2)035
495
12
35
4.140
125
2000
3
90
E4
T54E4906M075(1)S(2)025
660
12
25
4.899
125
2000
3
90
E6
T54E6906M075(1)S(2)017
678
10
17
5.941
125
1000
3
90
6E
T546E906M075(1)S(2)017
678
10
17
5.941
125
1000
3
130
E6
T54E6137M075(1)S(2)017
990
12
17
5.941
125
2000
3
130
6E
T546E137M075(1)S(2)017
990
12
17
5.941
125
2000
3
T54Ex / T54xE: COMPONENT STACK STANDARD RATINGS (1)
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(m
Ω)
MAX.
RIPPLE,
100 kHz
IRMS
(A)
HI TEMPERATURE
LOAD
MSL
TEMPERATURE
(°C)
TIME
(h)
Notes
• Part number definitions:
(1) Termination and packaging: E, L, C, H, B, V. Contact factory for packing options
(2) Surge current: A, B, S, D, E, F
(1) Contact marketing for availability of stacked capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com