Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T54E3M030CSS075 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # T54E3M030CSS075
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T54E3M030CSS075 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button T54E3M030CSS075 Datasheet HTML 2Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 3Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 4Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 5Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 6Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 7Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 8Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 9Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
T54
www.vishay.com
Vishay
Revision: 16-Dec-2022
6
Document Number: 40212
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
T54EE: DISCRETE COMPONENT STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(m
Ω)
MAX.
RIPPLE,
100 kHz
IRMS
(A)
HI TEMPERATURE
LOAD
MSL
TEMPERATURE
(°C)
TIME
(h)
16 VDC AT +105 °C, 10 VDC AT 125 °C
220
EE
T54EE227M016(1)(2)(3)025
352
10
25
4.195
125
2000
3
330
EE
T54EE337M016(1)(2)(3)025
528
10
25
4.195
125
2000
3
470
EE
T54EE477M016(1)(2)(3)025
752
10
25
4.195
125
2000
3
30 VDC AT +105 °C, 20 VDC AT 125 °C
150
EE
T54EE157M030(1)(2)(3)150
450
10
150
1.713
125
2000
3
150
EE
T54EE157M030(1)(2)(3)075
450
10
75
2.422
125
2000
3
150
EE
T54EE157M030(1)(2)(3)050
450
10
50
3.114
125
2000
3
35 VDC AT +105 °C, 23 VDC AT 125 °C
47
EE
T54EE476M035(1)(2)(3)070
165
10
70
2.507
125
2000
3
150
EE
T54EE157M035(1)S(3)100
525
10
100
2.098
125
1000
3
150
EE
T54EE157M035(1)S(3)050
525
10
50
2.966
125
1000
3
50 VDC AT +105 °C, 33 VDC AT 125 °C
22
EE
T54EE226M050(1)(2)(3)100
110
10
100
2.098
125
2000
3
47
EE
T54EE476M050(1)(2)(3)100
235
10
100
2.098
125
2000
3
47
EE
T54EE476M050(1)(2)(3)070
235
10
70
2.507
125
2000
3
63 VDC AT +105 °C, 42 VDC AT 125 °C
15
EE
T54EE156M063(1)(2)(3)100
95
10
100
2.098
125
2000
3
22
EE
T54EE226M063(1)(2)(3)100
139
10
100
2.098
125
2000
3
75 VDC AT +105 °C, 50 VDC AT 125 °C
15
EE
T54EE156M075(1)(2)(3)100
113
10
100
2.098
125
1000
3
22
EE
T54EE226M075(1)(2)(3)100
165
12
100
2.098
125
2000
3
Notes
• Part number definitions:
(1) Termination and packaging: E, L, C, H, B, V
(2) Reliability level: Z, S
(3) Surge current: A, B, S, D, E, F
T54Ex / T54xE: COMPONENT STACK STANDARD RATINGS (1)
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(m
Ω)
MAX.
RIPPLE,
100 kHz
IRMS
(A)
HI TEMPERATURE
LOAD
MSL
TEMPERATURE
(°C)
TIME
(h)
16 VDC AT +105 °C, 10 VDC AT 125 °C
450
E2
T54E2457M016(1)S(2)013
704
10
13
6.794
125
2000
3
660
E2
T54E2667M016(1)S(2)013
1056
10
13
6.794
125
2000
3
660
E3
T54E3667M016(1)S(2)009
1056
10
9
8.165
125
2000
3
660
3E
T543E667M016(1)S(2)009
1056
10
9
8.165
125
2000
3
900
E4
T54E4907M016(1)S(2)007
1408
10
7
9.258
125
2000
3
940
E2
T54E2947M016(1)S(2)013
1504
10
13
6.794
125
2000
3
940
E2
T54E2947M016(1)S(2)010
1504
10
10
7.746
125
2000
3
990
E3
T54E3997M016(1)S(2)009
1584
10
9
8.165
125
2000
3
990
3E
T543E997M016(1)S(2)009
1584
10
9
8.165
125
2000
3
1300
E4
T54E4138M016(1)S(2)007
2112
10
7
9.258
125
2000
3
Notes
• Part number definitions:
(1) Termination and packaging: E, L, C, H, B, V. Contact factory for packing options
(2) Surge current: A, B, S, D, E, F
(1) Contact marketing for availability of stacked capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com