Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T54E3M030CSS075 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # T54E3M030CSS075
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T54E3M030CSS075 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button T54E3M030CSS075 Datasheet HTML 6Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 7Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 8Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 9Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 10Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 11Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 12Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 13Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
T54
www.vishay.com
Vishay
Revision: 16-Dec-2022
10
Document Number: 40212
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Contact factory for stack capacitors packing and board mounting options
IMPEDANCE AND ESR VS. FREQUENCY
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +45 °C (W) WITH +30 °C RISE IN FREE AIR
EE
0.44
E2, E3, E4, E6, 3E, 6E
0.60
STANDARD PACKAGING QUANTITY
CASE CODE
QUANTITY (PCS/PACKAGING UNIT)
7" REEL
½ REEL
EE
400
200
PERFORMANCE CHARACTERISTICS (for Discrete Capacitors T54EE)
ITEM
CONDITION
POST TEST PERFORMANCE
Life test at +105 °C
2000 h application of rated voltage at 105 °C,
MIL-STD-202 method 108
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limits
Leakage current
Shall not exceed 300 % of initial limit
Life test at +125 °C
2000 h application of 2/3 rated voltage at 125 °C,
MIL-STD-202 method 108
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limits
Leakage current
Shall not exceed 300 % of initial limit
Shelf life test
at +105 °C
2000 h no voltage applied at 105 °C,
MIL-STD-202 method 108
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limits
Leakage current
Shall not exceed 300 % of initial limit
Humidity tests
At 60 °C / 90 % RH 500 h, no voltage applied
Capacitance change
-20 % to +40 % of initial value
Dissipation factor
Within initial limit
Leakage current
Shall not exceed 300 % of initial limit
10
100
1000
10000
1
10
100
1000
10 000
100
1K
10K
100K
1M
10M
T54EE337M016xxx025
Frequency (Hz)
ESR
Z
10
100
1000
10000
1
10
100
1000
10 000
100 000
100
1K
10K
100K
1M
10M
T54E6137M075xxx017
Frequency (Hz)
ESR
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com