Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T54E3M030CSS075 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # T54E3M030CSS075
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T54E3M030CSS075 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button T54E3M030CSS075 Datasheet HTML 3Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 4Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 5Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 6Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 7Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 8Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 9Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 10Page - Vishay Siliconix T54E3M030CSS075 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
T54
www.vishay.com
Vishay
Revision: 16-Dec-2022
7
Document Number: 40212
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16 VDC AT +105 °C, 10 VDC AT 125 °C
1300
E6
T54E6138M016(1)S(2)005
2112
10
5
10.954
125
2000
3
1300
6E
T546E138M016(1)S(2)005
2112
10
5
10.954
125
2000
3
1400
E3
T54E3148M016(1)S(2)009
2256
10
9
8.165
125
2000
3
1400
E3
T54E3148M016(1)S(2)007
2256
10
7
9.258
125
2000
3
1400
3E
T543E148M016(1)S(2)009
2256
10
9
8.165
125
2000
3
1400
3E
T543E148M016(1)S(2)007
2256
10
7
9.258
125
2000
3
1900
E4
T54E4198M016(1)S(2)007
3008
10
7
9.258
125
2000
3
1900
E4
T54E4198M016(1)S(2)005
3008
10
5
10.954
125
2000
3
2000
E6
T54E6208M016(1)S(2)005
3168
10
5
10.954
125
2000
3
2000
6E
T546E208M016(1)S(2)005
3168
10
5
10.954
125
2000
3
2800
E6
T54E6288M016(1)S(2)005
4512
10
5
10.954
125
2000
3
2800
6E
T546E288M016(1)S(2)005
4512
10
5
10.954
125
2000
3
30 VDC AT +105 °C, 20 VDC AT 125 °C
300
E2
T54E2307M030(1)S(2)075
900
10
75
2.828
125
2000
3
300
E2
T54E2307M030(1)S(2)038
900
10
38
3.974
125
2000
3
450
E3
T54E3457M030(1)S(2)050
1350
10
50
3.464
125
2000
3
450
E3
T54E3457M030(1)S(2)025
1350
10
25
4.899
125
2000
3
450
3E
T543E457M030(1)S(2)050
1350
10
50
3.464
125
2000
3
450
3E
T543E457M030(1)S(2)025
1350
10
25
4.899
125
2000
3
600
E4
T54E4607M030(1)S(2)038
1800
10
38
3.974
125
2000
3
600
E4
T54E4607M030(1)S(2)020
1800
10
20
5.477
125
2000
3
900
E6
T54E6907M030(1)S(2)025
2700
10
25
4.899
125
2000
3
900
E6
T54E6907M030(1)S(2)013
2700
10
13
6.794
125
2000
3
900
6E
T546E907M030(1)S(2)025
2700
10
25
4.899
125
2000
3
900
6E
T546E907M030(1)S(2)013
2700
10
13
6.794
125
2000
3
35 VDC AT +105 °C, 25 VDC AT 125 °C
95
E2
T54E2956M035(1)S(2)035
330
10
35
4.140
125
2000
3
95
E2
T54E2956M035(1)S(2)028
330
10
28
4.629
125
2000
3
140
E3
T54E3147M035(1)S(2)025
495
10
25
4.899
125
2000
3
140
E3
T54E3147M035(1)S(2)018
495
10
18
5.774
125
2000
3
140
3E
T543E147M035(1)S(2)025
495
10
25
4.899
125
2000
3
140
3E
T543E147M035(1)S(2)018
495
10
18
5.774
125
2000
3
190
E4
T54E4197M035(1)S(2)018
660
10
18
5.774
125
2000
3
190
E4
T54E4197M035(1)S(2)014
660
10
14
6.547
125
2000
3
280
E6
T54E6287M035(1)S(2)012
990
10
12
7.071
125
2000
3
280
E6
T54E6287M035(1)S(2)010
990
10
10
7.746
125
2000
3
280
6E
T546E287M035(1)S(2)012
990
10
12
7.071
125
2000
3
280
6E
T546E287M035(1)S(2)010
990
10
10
7.746
125
2000
3
300
E2
T54E2307M035(1)S(2)050
1050
10
50
3.464
125
1000
3
300
E2
T54E2307M035(1)S(2)025
1050
10
25
4.899
125
1000
3
450
E3
T54E3457M035(1)S(2)034
1575
10
34
4.201
125
1000
3
450
E3
T54E3457M035(1)S(2)017
1575
10
17
5.941
125
1000
3
450
3E
T543E457M035(1)S(2)034
1575
10
34
4.201
125
1000
3
450
3E
T543E457M035(1)S(2)017
1575
10
17
5.941
125
1000
3
600
E4
T54E4607M035(1)S(2)025
2100
10
25
4.899
125
1000
3
600
E4
T54E4607M035(1)S(2)013
2100
10
13
6.794
125
1000
3
900
E6
T54E6907M035(1)S(2)017
3150
10
17
5.941
125
1000
3
900
E6
T54E6907M035(1)S(2)009
3150
10
9
8.165
125
1000
3
900
6E
T546E907M035(1)S(2)017
3150
10
17
5.941
125
1000
3
900
6E
T546E907M035(1)S(2)009
3150
10
9
8.165
125
1000
3
T54Ex / T54xE: COMPONENT STACK STANDARD RATINGS (1)
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(m
Ω)
MAX.
RIPPLE,
100 kHz
IRMS
(A)
HI TEMPERATURE
LOAD
MSL
TEMPERATURE
(°C)
TIME
(h)
Notes
• Part number definitions:
(1) Termination and packaging: E, L, C, H, B, V. Contact factory for packing options
(2) Surge current: A, B, S, D, E, F
(1) Contact marketing for availability of stacked capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com