Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS374 Datasheet(PDF) 4 Page - DIWELL Electronics Co., Ltd.

Part # WCS374
Description  Hall Effect Base Linear Current Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCS374 Datasheet(HTML) 4 Page - DIWELL Electronics Co., Ltd.

  WCS374 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCS374 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCS374 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCS374 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCS374 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
WCS3740
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2017/12/20
Application Circuit:
Capacitor C(0.01uF~0.1uF) is recommend to be connected between Vout and
GND to reduce output noise.
-40˚C -30˚C -20˚C -10˚C
0˚C
10˚C
20˚C
30˚C
40˚C
50˚C
60˚C
70˚C
80˚C
90˚C 100˚C 110˚C 120˚C
Ratio 0.807 0.870 0.918 0.957 0.980 0.995
1
1
0.992 0.978 0.959 0.936 0.909 0.877 0.844 0.806 0.764
0.0
0.2
0.4
0.6
0.8
1.0
1.2
WCS3740 Sensitivity standardization of 30˚C (5V) V.S Temperature
-40˚C -30˚C -20˚C -10˚C
0˚C
10˚C
20˚C
30˚C
40˚C
50˚C
60˚C
70˚C
80˚C
90˚C 100˚C 110˚C 120˚C
Ratio 0.839 0.907 0.956 0.990 1.011 1.016 1.014
1
0.979 0.953 0.922 0.888 0.851 0.811 0.774 0.733 0.690
0.0
0.2
0.4
0.6
0.8
1.0
1.2
WCS3740 Sensitivity standardization of 30˚C (3.3V) V.S Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com