Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS374 Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # WCS374
Description  Hall Effect Base Linear Current Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCS374 Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  WCS374 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCS374 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCS374 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCS374 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCS374 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WCS3740
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2017/12/20
Hall Effect Base Linear Current Sensor
Features:
 Low noise analog signal path
 125
μΩ internal conductor resistance
 Output voltage proportional to AC and DC current
 Min. sensing current 0~40A at 5V voltage supply
 High sensitivity 32mV/A
 Wide operating voltage range 3.0~12V
 Low operating current 3mA
 Nearly zero magnetic hysteresis
 Ratiometric output from supply voltage
 23K Hz Bandwidth
Functional Description :
The Winson WCS3740 current sensor provides economical and precise
solution for both DC and AC current sensing in industrial, commercial and
communications systems. The unique package allows for easy implementation
by the customer. Typical applications include motor control, load detection and
management, over-current fault detection and any intelligent power
management system etc…
The WCS3740 consists of a precise, low-temperature drift linear hall
sensor IC with temperature compensation circuit and a current path with
125
μΩ typical internal conductor resistance. This extremely low resistance
can effectively reduce power loss, operating temperature and increase the
reliability greatly. Applied current flowing through this conduction path
generates a magnetic field which is sensed by the integrated Hall IC and
converted into a proportional voltage.
The terminals of the conductive path are electrically isolated from the
sensor leads. This allow the WCS3740 current sensor to be used in
applications requiring electrical isolation without the use of opto-isolators or
other costly isolation techniques and make system more competitive in cost.


Similar Part No. - WCS374

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
WCS37A50 DIWELL-WCS37A50 Datasheet
622Kb / 5P
Hall Effect Base Linear Current Sensor
2019/5/13
More results

Similar Description - WCS374

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS1702 WINSON-WCS1702 Datasheet
159Kb / 3P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2702 WINSON-WCS2702 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2705 WINSON-WCS2705 Datasheet
457Kb / 5P
Hall Effect Base Linear Current Sensor
WCS6800 WINSON-WCS6800 Datasheet
628Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1500 WINSON-WCS1500_17 Datasheet
477Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800_17 Datasheet
482Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2750 WINSON-WCS2750_17 Datasheet
428Kb / 3P
Hall Effect Base Linear Current Sensor
logo
DIWELL Electronics Co.,...
WCS2800 DIWELL-WCS2800 Datasheet
496Kb / 5P
Hall Effect Base Linear Current Sensor
2017/4/19
WCS38A25 DIWELL-WCS38A25 Datasheet
794Kb / 5P
Hall Effect Base Linear Current Sensor
2019/5/13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com