Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS374 Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # WCS374
Description  Hall Effect Base Linear Current Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCS374 Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  WCS374 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCS374 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCS374 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCS374 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCS374 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WCS3740
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2017/12/20
Vout vs. Primary Current
Part No.
Sensitivity
Current range
WCS3740
32 mV/A
DC: ±0 ~ 40A
AC: rms 30A
Order Information
( Vdd = 5V )
Absolute Maximum Range
Supply Voltage, Vdd ----------------------------- 14V
Pass Current, IP -----------------------------------40A
Pass Current(10ms pulse), Ipulse ------------80A
Output Current Sink--------------------------- 0.4mA
Output Current Source-------------------------- 2mA
Basic Isolation Voltage ---------------------- 1000V
Operating Temperature Range, Ta ------------------
----------------------------------------- -20ºC to +125ºC
Storage Temperature Range, Ts ---------------------
----------------------------------------- -65ºC to +150ºC
Power Dissipation, Pd -----------------------------1W
0.3V
0A
Vdd-0.3V
+A
-A
Vout
½ Vdd
Slop = 32mV/A
Vout
Vdd
Gnd
Vout
-IP
+IP
Function Block:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com