Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSH237 Datasheet(PDF) 8 Page - DIWELL Electronics Co., Ltd.

Part # WSH237
Description  Adjustable Hall Effect Switch IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WSH237 Datasheet(HTML) 8 Page - DIWELL Electronics Co., Ltd.

  WSH237 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WSH237 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WSH237 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WSH237 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WSH237 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. WSH237 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. WSH237 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. WSH237 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. WSH237 Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
WSH237
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2020/1/17
Page 8
Application Circuit and Note
《Magnetic Switch - Direct Setting Method》
Step 1
Supply voltage Vdd.
Step 2
Vset pin and Vout pin are short-circuited, and provide magnetic field to IC.
Step 3
Measure the output voltage directly by a multimeter under DC mode and
records this voltage.
Step 4
Vset pin and Vout pin are open-circuited, and input the measured voltage
value mentioned above into Vset pin. Here, VB is an internal Hall sensing
voltage signal which is proportional to magnetic field.
Step 5
The output voltage levels will change according to:
Output "High" when VB > Vset
Output "Low" when VB < Vset
《Magnetic Switch - Formula Solution Method》
Step 1
Supply voltage Vdd. For example, Vdd = 5V.
Step 2
Vset pin and Vout pin are short-circuited, and measure output voltage
without magnetic field. For example, V0G ≒ 2.5V under Vdd = 5V.
Step 3
Getting Vset value by calculation:
Vset = (magnetic field) × (sensitivity) + V0G
For example, intend to set magnetic sensing value at 250G. Here, and the
sensitivity is around 4 mV/G under Vdd = 5V.
Vset = 250 × 4 × 10
-3 + 2.5 = 3.5 (V)
Step 4
Vset pin and Vout pin are open-circuited, and input the calculated voltage
value mentioned above into Vset pin.
Step 5
The output voltage levels will change according to:
Output "High" when VB > Vset
Output "Low" when VB < Vset



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com