Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSH237 Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # WSH237
Description  Adjustable Hall Effect Switch IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WSH237 Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  WSH237 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WSH237 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WSH237 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WSH237 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WSH237 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. WSH237 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. WSH237 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. WSH237 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. WSH237 Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
WSH237
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2020/1/17
Page 2
Electrical Characteristics
(T = +25 ℃)
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
Vdd
—
3.0
—
12
V
Supply Current
Isupply
B = 0 Gauss
—
3.5
6.0
mA
Switching Characteristics
(T = +25 ℃, Vdd = 5V)
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Adjustable Guass
Range
B
—
—
±500
—
G
Output Voltage
VH
Full range.
Vdd-0.2
—
—
V
VL
—
—
0.1
Resolution
B Res
—
—
±0.5
—
G
Response Time
(low to high level)
TRP
75mV overdrive
Cload = 15 pF
—
0.5
—
μs
75mV overdrive
Cload = 0.01 pF
—
60
—
μs
Response Time
(high to low level)
75mV overdrive
Cload = 15 pF
—
4
—
μs
75mV overdrive
Cload = 0.01 pF
—
900
—
μs
Rising Time
TRISE
75mV overdrive
Cload = 15 pF
—
0.5
—
μs
Falling Time
TFALL
—
0.3
—
μs
1. CLoad includes probe and jig capacitance.
2. The response time is specified for a 150mV input step with 75mV overdrive.
3. Response time can refer to "characteristic Diagrams" Fig.1~3.
Linear Characteristics
(T = +25 ℃, Vdd = 5V, Vset & Vout short)
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Quiescent Output
V0G
B = 0 Gauss
2.35
2.5
2.65
V
Sensitivity
Sens
B = 250 Gauss
3.5
4
4.5
mV/G
Bandwidth
BW
—
—
23
—
kHz
Temperature Drift
△ Vout
B = 0 Gauss
—
±0.5
—
mV/℃
Output Noise
VNp-p(0.01μF)
B = 0 Gauss
Cload = 0.01 μF
—
12
—
mV
VNp-p(0.1μF)
B = 0 Gauss
Cload = 0.1 μF
—
7
—
1. All output-voltage measurements are made with a voltmeter having an input impedance which is at
least 100kΩ.
2. Connect "capacitive load" (0.01uF) between output pin and ground. Do not apply any "resistor load" on
output pin, it will degrade IC's performance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com