Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSH237 Datasheet (PDF) - DIWELL Electronics Co., Ltd.

WSH237 Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # WSH237
Download  WSH237 Download
File Size   1277.8 Kbytes
Page   9 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description Adjustable Hall Effect Switch IC

WSH237 Datasheet (PDF)

Go To PDF Page Download Datasheet
WSH237 Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # WSH237
Download  WSH237 Click to download

File Size   1277.8 Kbytes
Page   9 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description Adjustable Hall Effect Switch IC

WSH237 Datasheet (HTML) - DIWELL Electronics Co., Ltd.


WSH237 Product details

Features
 Adjustable Hall Effect Switch with magnetic field measure for on-site calibration
 Response time 500 ns
 High resolution ±0.5 Gauss
 Adjustable magnitude sensing range:
±500 Gauss on 5V supplied voltage; ±1000 Gauss on 12V supplied voltage
 Output "High" when VB > Vset; Output "Low" when VB < Vset
 Wide operating voltage range 3 V ~ 12 V
 Almost zero hysteresis
 23 kHz bandwidth




Similar Part No. - WSH237

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH231 WINSON-WSH231 Datasheet
847Kb / 5P
Operates from 2.4V to 26V supply voltage with reverse voltage protection
logo
DIWELL Electronics Co.,...
WSH231 DIWELL-WSH231 Datasheet
841Kb / 5P
North and South pole Two outputs Hall Effect Switch IC
2016/4/8
More results


Similar Description - WSH237

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH181 WINSON-WSH181 Datasheet
106Kb / 5P
Hall Effect Switch IC
logo
SeCoS Halbleitertechnol...
SH6853 SECOS-SH6853 Datasheet
470Kb / 4P
Hall Effect Switch IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130_13 Datasheet
149Kb / 5P
Hall Effect Switch IC
WSH181 WINSON-WSH181_13 Datasheet
146Kb / 5P
Hall Effect Switch IC
logo
Unisonic Technologies
UH8105 UTC-UH8105_15 Datasheet
127Kb / 5P
Hall Effect Micro Switch IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130_17 Datasheet
185Kb / 5P
Hall Effect Switch IC
WSH130NL WINSON-WSH130NL_17 Datasheet
180Kb / 4P
Unipolar Hall Effect Switch IC
logo
Anpec Electronics Corop...
APX8131H ANPEC-APX8131H Datasheet
185Kb / 12P
Hall Effect Micro Switch IC
APX8132A ANPEC-APX8132A Datasheet
164Kb / 13P
Hall Effect Micro Switch IC
logo
DIWELL Electronics Co.,...
WSH130 DIWELL-WSH130 Datasheet
179Kb / 5P
Hall Effect Switch IC
2017/4/7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com