Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317H Datasheet(PDF) 34 Page - Texas Instruments

Part # DRV8317H
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317H Datasheet(HTML) 34 Page - Texas Instruments

Back Button DRV8317H Datasheet HTML 30Page - Texas Instruments DRV8317H Datasheet HTML 31Page - Texas Instruments DRV8317H Datasheet HTML 32Page - Texas Instruments DRV8317H Datasheet HTML 33Page - Texas Instruments DRV8317H Datasheet HTML 34Page - Texas Instruments DRV8317H Datasheet HTML 35Page - Texas Instruments DRV8317H Datasheet HTML 36Page - Texas Instruments DRV8317H Datasheet HTML 37Page - Texas Instruments DRV8317H Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
fault command is issued either through the FLT_CLR bit or an nSLEEP reset pulse (tRST). It is advisable not to
operate DRV8317 by issuing a clear fault command in the event of a OTP read fault since the register settings
may be in an unknown state and may lead to unexpected device operation.
8.3.11.7 Thermal Protection
DRV8317 has over temperature warning (OTW) and over temperature shutdown (OTS) features for protection
against over temperature events. OTW is available for FET protection (OTW_FET) while OTS is available for
FET (OTS_FET) and AVDD LDO (OTS_LDO) protection.
8.3.11.7.1 FET Over Temperature Warning (OTW_FET)
If the FET temperature exceeds the over temperature warning (TOTW_FET) threshold, the FAULT, OTF bits (in
DEV_STS register) and OTW_FET bit (in OT_STS register) are set to 1b and the nFAULT pin is driven low. The
nFAULT pin is released and OTW_FET is set to 0b once retry time (tRETRY) elapses after the FET temperature
falls below the over temperature warning (TOTW_FET - TOTW_FET_HYS) threshold. The FAULT, OTF bits stay set to
1b until cleared through the CLR_FLT bit or an nSLEEP reset pulse (tRST).
Retry time (tRETRY) is set by,
• Slow retry time (SLOW_TRETRY) by configuring OTF_MODE to 00b
• Fast retry time (FAST_TRETRY) by configuring OTF_MODE to 01b
In DRV8317H, FET over temperature warning is disabled.
8.3.11.7.2 FET Over Temperature Shutdown (OTS_FET)
If the FET temperature exceeds the shutdown threshold (TOTS_FET), all the integrated FETs are in Hi-Z, the
FAULT, OTF bits (in DEV_STS register) and OTS_FET bit (in OT_STS register) are set to 1b and the nFAULT
pin is driven low. Normal operation resumes automatically (pre-driver operation, nFAULT pin is released and
OTS_FET is set to 0b) after retry time (tRETRY) elapses, if FET temperature falls below the over temperature
shutdown (TOTS_FET - TOTS_FET_HYS) threshold. The FAULT, OTF bits stay set to 1b until cleared through the
CLR_FLT bit or an nSLEEP reset pulse (tRST). This feature cannot be disabled.
Retry time (tRETRY) is set by,
• Slow retry time (SLOW_TRETRY) by configuring OTF_MODE to 00b
• Fast retry time (FAST_TRETRY) by configuring OTF_MODE to 01b
IN DRV8317H, tRETRY period is fixed at 5-ms.
8.3.11.7.3 LDO Over Temperature Shutdown
If AVDD LDO temperature exceeds the LDO over temperature shutdown (TOTS_LDO) threshold, all the
integrated FETs are in Hi-Z and device enters reset. Normal operation resumes automatically when AVDD
LDO temperature falls below the over temperature shutdown threshold (TOTS_LDO - TOTS_LDO_HYS). This feature
cannot be disabled.
8.4 Device Functional Modes
8.4.1 Functional Modes
8.4.1.1 Sleep Mode
The nSLEEP pin manages the state of DRV8317. When the nSLEEP pin is low, the device goes to a low-power
sleep mode. In sleep mode MOSFETs, current sense amplifiers, charge pump, AVDD regulator and SPI bus are
disabled. The tSLEEP time must elapse after a falling edge on the nSLEEP pin before the device goes to sleep
mode. The device comes out of sleep mode automatically if the nSLEEP pin is pulled high. The tWAKE time must
elapse before the device is ready for PWM inputs.
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com