Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317H Datasheet(PDF) 47 Page - Texas Instruments

Part # DRV8317H
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317H Datasheet(HTML) 47 Page - Texas Instruments

Back Button DRV8317H Datasheet HTML 43Page - Texas Instruments DRV8317H Datasheet HTML 44Page - Texas Instruments DRV8317H Datasheet HTML 45Page - Texas Instruments DRV8317H Datasheet HTML 46Page - Texas Instruments DRV8317H Datasheet HTML 47Page - Texas Instruments DRV8317H Datasheet HTML 48Page - Texas Instruments DRV8317H Datasheet HTML 49Page - Texas Instruments DRV8317H Datasheet HTML 50Page - Texas Instruments DRV8317H Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 69 page
background image
8.6.9 DRVF_TCTRL Register (Offset = 13h) [Reset = 0155h]
DRVF_TCTRL is shown in Figure 8-36 and described in Table 8-19.
Return to the Table 8-9.
Figure 8-36. DRVF_TCTRL Register
15
14
13
12
11
10
9
8
PARITY
RESERVED
RESERVED
R/W-0h
R-0-0h
R/W-1h
7
6
5
4
3
2
1
0
RESERVED
OCP_DEG
OCP_TBLANK
VMUV_WARN_TDG
R/W-1h
R/W-1h
R/W-1h
R/W-1h
Table 8-19. DRVF_TCTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
15
PARITY
R/W
0h
Parity Bit if SPI_PEN is set to '1' otherwise reserved
14-10
RESERVED
R-0
0h
Reserved
9-8
RESERVED
R/W
1h
Reserved
7-6
RESERVED
R/W
1h
Reserved
5-4
OCP_DEG
R/W
1h
OCP deglitch time
0h = 0.3 µs
1h = 0.6 µs
2h = 0.9 µs
3h = 1.2 µs
3-2
OCP_TBLANK
R/W
1h
OCP blanking time
0h = 0.3 µs
1h = 0.7 µs
2h = 2 µs
3h = 1.2 µs
1-0
VMUV_WARN_TDG
R/W
1h
VM under voltage warning deglitch time
0h = 0.3 µs
1h = 0.6 µs
2h = 0.9 µs
3h = 2 µs
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com