Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317H Datasheet(PDF) 35 Page - Texas Instruments

Part # DRV8317H
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317H Datasheet(HTML) 35 Page - Texas Instruments

Back Button DRV8317H Datasheet HTML 31Page - Texas Instruments DRV8317H Datasheet HTML 32Page - Texas Instruments DRV8317H Datasheet HTML 33Page - Texas Instruments DRV8317H Datasheet HTML 34Page - Texas Instruments DRV8317H Datasheet HTML 35Page - Texas Instruments DRV8317H Datasheet HTML 36Page - Texas Instruments DRV8317H Datasheet HTML 37Page - Texas Instruments DRV8317H Datasheet HTML 38Page - Texas Instruments DRV8317H Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
Note
During power up and power down of the device through the nSLEEP pin, the nFAULT pin is held low
as the internal regulators are enabled or disabled. After the regulators have enabled or disabled, the
nFAULT pin is automatically released. The duration that the nFAULT pin is low does not exceed the
tSLEEP or tWAKE time.
8.4.1.2 Operating Mode
When the nSLEEP pin is high and the VVM voltage is greater than the VUVLO voltage, the device goes to
operating mode. The tWAKE time must elapse before the device is ready for inputs. In this mode the charge
pump, AVDD regulator and SPI bus are active.
8.4.1.3 Fault Reset (FLT_CLR or nSLEEP Reset Pulse)
In the case of latched faults, DRV8317 turns off the MOSFETs (Hi-Z) and the motor coasts to a stop.
When the fault condition clears, the device can go to the operating state again by either setting the FLT_CLR
bit to 1b in the SPI variant or by issuing a reset pulse on the nSLEEP pin in the hardware variant. The nSLEEP
reset pulse (tRST) consists of a high-to-low-to-high transition on the nSLEEP pin. The low period of the sequence
should fall with the tRST time window or else the device will start the complete shutdown sequence. The reset
pulse has no effect on any of the regulators, device settings, or other functional blocks.
8.5 SPI Communication
8.5.1 Programming
8.5.1.1 SPI Format
SPI Format - with Parity
The SDI input data word is 24 bits long and consists of the following format:
• 1 read or write bit, W (bit B23)
• 6 address bits, A (bits B22 through B17)
• Parity bit, P (bit B16)
• 15 data bits with 1 parity bit, D (bits B15 through B0)
The SDO output data word is 24 bits long. The most significant bits are status bits and the least significant 16
bits are the data content of the register being accessed.
Table 8-7. SDI Input Data Word Format for SPI
R/W
ADDRESS
PAR
ITY
PAR
ITY
DATA
B23 B22 B21 B20 B19 B18 B17 B16 B15 B14 B13 B12 B11 B10 B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
W0
A5
A4
A3
A2
A1
A0
P
P
D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 8-8. SDO Output Data Word Format
STATUS
DATA
B23 B22 B21 B20 B19 B18 B17 B16 B15 B14 B13 B12 B11 B10 B9
B8 B7
B6
B5
B4
B3
B2
B1
B0
S7
S6
S5
S4
S3
S2
S1
S0 D15 D14 D13 D12 D11 D10 D9
D8 D7
D6
D5
D4
D3
D2
D1
D0
The details of the bits used in SPI frame format are detailed below.
Read/Write Bit (R/W): R/W (W0) bit set to 0b indicates a SPI write transaction. For a SPI read operation, R/W
bit needs to be set to 1b.
Address Bits (A): A SPI secondary device takes a 6-bit register address.
Parity Bit (P): Both header and data fields of a SPI input data frame include a parity bit for single bit error
detection - in Table 8-7, B16 is parity bit for the header field, while B15 is the parity bit for the data field. The
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com