Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VF28 Datasheet(PDF) 2 Page - Tyco Electronics

Part # VF28
Description  Plug-In Relays Mini 280 Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VF28 Datasheet(HTML) 2 Page - Tyco Electronics

  VF28 Datasheet HTML 1Page - Tyco Electronics VF28 Datasheet HTML 2Page - Tyco Electronics VF28 Datasheet HTML 3Page - Tyco Electronics VF28 Datasheet HTML 4Page - Tyco Electronics VF28 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Revision 03-05
Catalog 1308028
Revision 03-06
Plug-In Relays
Mini 280 Relays
Please observe the disclaimer.
57
VF28
.453 MAX.
(11.5)
.032 ± .001
(.825 ± .035)
.319
(8.1)
.638
(16.2)
.091
(2.3)
.307
(7.8)
1.004 MAX.
(25.5)
1.12 MAX.
(28.5)
.110
(2.8)
30
86
85
87A
87
1.12 MAX.
(28.5)
ECR2118-M
Dimensional drawing
Dust cover with quick connect terminals
VF28-1****
1.8 MAX.
(45.8)
.776
(19.7)
.858
± 0.20
(21.8
± 0.5)
.654
(16.6)
.354
± .024
(9.0
± 0.6)
.262
6.65
+0.02
-.006
+.005
-.015
(
)
.110
(2.80)
.091
(2.3)
.307
(7.8)
.319
(8.1)
.500
± .016
(12.7
± 0.4)
.638
(16.2)
.110
± .018
(2.8
± 0.45)
.453
(11.5)
1.425 MAX.
(36.2)
.482 REF.
(12.25)
.032
± .001
(.825
± .035)
2 DECIMAL:
± .004
(
± 0.1)
1 DECIMAL:
± .006
(
± 0.15)
TOLERANCE UNLESS
OTHERWISE NOTED:
ECR2119-V
Shrouded/weatherproof cover with quick connect terminals
VF28-3**** and VF28-6****
View of the terminals (bottom view)
View of the terminals (bottom view)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com