Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VF28 Datasheet(PDF) 5 Page - Tyco Electronics

Part # VF28
Description  Plug-In Relays Mini 280 Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VF28 Datasheet(HTML) 5 Page - Tyco Electronics

  VF28 Datasheet HTML 1Page - Tyco Electronics VF28 Datasheet HTML 2Page - Tyco Electronics VF28 Datasheet HTML 3Page - Tyco Electronics VF28 Datasheet HTML 4Page - Tyco Electronics VF28 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Revision 03-05
Catalog 1308028
Revision 03-06
Plug-In Relays
Mini 280 Relays
Please observe the disclaimer.
60
VF28
Ordering information
Part numbers
(see table below for coil data)
Contact
Contact
Enclosure
Terminals
Relay part number
Tyco order number
arrangement
material
VF28-11F14-S01
0-1393297-1
1 Form A
AgNi0.15
Dust Cover
680 Ω resistor in parallel
VF28-11F24-S01
2-1419084-3
1 Form A
AgSnO2
Dust Cover
680 Ω resistor in parallel
VF28-15F14-S01
0-1393297-8
1 Form C
AgNi0.15
Dust Cover
680 Ω resistor in parallel
VF28-15F24-S01
1-1393297-3
1 Form C
AgSnO2
Dust Cover
680 Ω resistor in parallel
VF28-61F14-S01
3-1393297-6
1 Form A
AgNi0.15
Weatherproof cover with bracket
680 Ω resistor in parallel
VF28-65F14-S01
4-1393297-5
1 Form C
AgNi0.15
Weatherproof cover with bracket
680 Ω resistor in parallel
Mechanical data
Cover retention
Axial force
150 N (33.8 lbs)
Pull force
200 N (45 lbs)
Push force
200 N (45 lbs)
Terminals
Pull force
100 N (22.5 lbs)
Push force
100 N (22.5 lbs)
Resistance to bending, force applied to front
10 N (2.25 lbs)1)
Resistance to bending, force applied to side
10 N (2.25 lbs)1)
Torsion
0.3 Nm
Enclosures
Dust cover
Protects relay from dust. For use in passenger compartment or enclosures
Shrouded/Weatherproof cover
Mates with VC28-1003 connector for application where weather sealing is not required.
1)
Values apply 2 mm from the end of the terminal. When the force is removed, the terminal must not have moved by more than 0.3 mm.
Operating conditions
Temperature range, storage
Refer to
Storage in the “Glossary”
Test
Relevant standard
Testing as per
Dimension
Comments
Vibration resistance
1.27 mm double amplitude
10-40 Hz
Valid for NC contacts.
5 g constant
40-70 Hz
NO contacts are
0.5 mm double amplitude
70-100 Hz
significantly higher
10 g constant
100-500 Hz
Shock resistance
Half sine wave pulse
20 g
No change in the
11 ms
switching state > 1 ms
Jump start
24 VDC for 5 minutes conducting nominal current at 23 °C
Drop test
Capable of meeting specifications after 1.0 m (3.28 foot) drop onto concrete
Flammability
UL94-HB or better (meets FMVSS 302)
Internal
External
Overload Current 1)
40.5 A, 1800 s
60 A, 30 s
105 A, 4 s
180 A, 1 s
1)
Current and time are compatibel with circuit protection by a typical 30 A automotive fuse. Relay will make, carry, and break the specified current.
Coil
Must
Must
Coil
Rated coil
resistance
operate
release
Allowable overdrive 1)
data for
voltage
+/- 10%
voltage
voltage
voltage (V)
VF28
(V)
(Ω)
(V)
(V)
at 23 °C 1)
at 85 °C
VF28-**F**-***
12
90
7.2
1.2
20.2
15.7
VF28-**H**-***
24
360
14.4
2.4
40.5
31.5
1)
Allowable overdrive is stated with no load applied and minimum coil resistance.
Coil versions
Standard delivery packs (orders in multiples of delivery pack)
Dust cover version:
357 pieces
Weatherproof version with bracket: 110 pieces



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com