Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VF28 Datasheet(PDF) 4 Page - Tyco Electronics

Part # VF28
Description  Plug-In Relays Mini 280 Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VF28 Datasheet(HTML) 4 Page - Tyco Electronics

  VF28 Datasheet HTML 1Page - Tyco Electronics VF28 Datasheet HTML 2Page - Tyco Electronics VF28 Datasheet HTML 3Page - Tyco Electronics VF28 Datasheet HTML 4Page - Tyco Electronics VF28 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Plug-In Relays
Mini 280 Relays
VF28
Please observe the disclaimer.
59
Catalog 1308028
Revision 03-06
Revision 03-05
Coil data
Available for nominal voltages
12, 24 V
Nominal power consumption of the unsuppressed coil at nominal voltage
1.6 W
Nominal power consumption at nominal voltage with suppression resistor
1.8 W
Test voltage winding/contact
500 VACrms
Ambient temperature range
– 40 to + 125 °C
Operate time at nominal voltage
Typ. 7 ms
Release time at nominal voltage 1)
Typ. 4 ms
1)
For unsuppressed relay coil
N.B.
A low resistive suppression device in parallel to the relay coil increases the release time and reduces
the lifetime caused by increased erosion and/or higher risk of contact tack welding.
Ambient temperature vs. coil voltage for continuous duty
110
100
90
80
70
60
50
90
95
100
105
110
115
120
125
130
135
140
145
150
Applied Coil Voltage (% of Nominal Voltage)
40
120
130
140
ECR2116-6
0 A Contact Load
7 A Contact Load
14 A Contact Load
21 A Contact Load
28 A Contact Load
35 A Contact Load
110
100
90
80
70
60
50
90
95
100
105
110
115
120
125
130
135
140
145
150
Applied Coil Voltage (% of Rated Nominal)
40
120
130
140
0 A Contact Load
6 A Contact Load
12 A Contact Load
18 A Contact Load
24 A Contact Load
30 A Contact Load
ECR2117-E
Assumptions:
1. Still air
2. Nominal coil resistance
3. Maximum mean coil temperature = 180 °C
4. Coil temperature rise due to load
= 1.3 °C at 7 A
= 3.1 °C at 14 A
= 7.2 °C at 21 A
= 12.1 °C at 28 A
= 19 °C at 35 A
5. Thermal resistance and power dissipation based on coil
resistance at 180 °C
6. Curves are based on 1.6 W at 23 °C
Assumptions:
1. Still air
2. Nominal coil resistance
3. Maximum mean coil temperature = 180 °C
4. Coil temperature rise due to load
= 0.8 °C at 6 A
= 3.6 °C at 12 A
= 6.3 °C at 18 A
= 11 °C at 24 A
= 16.8 °C at 30 A
5. Thermal resistance and power dissipation based on coil
resistance at 180 °C
6. Curves are based on 1.6 W at 23 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com