Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA126PL Datasheet(PDF) 1 Page - Clare, Inc.

Part # LBA126PL
Description  Single Pole OptoMOS Relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LBA126PL Datasheet(HTML) 1 Page - Clare, Inc.

  LBA126PL Datasheet HTML 1Page - Clare, Inc. LBA126PL Datasheet HTML 2Page - Clare, Inc. LBA126PL Datasheet HTML 3Page - Clare, Inc. LBA126PL Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part #
Description
LBA126L
8 Pin DIP (50/Tube)
LBA126PL
8 Pin Flatpack (50/Tube)
LBA126PLTR
8 Pin Flatpack (1000/Reel)
LBA126LS
8 Pin Surface Mount (50/Tube)
LBA126LSTR
8 Pin Surface Mount (50/Reel)
LBA126L
Units
Blocking Voltage
250
V
Load Current
150
mA
Max R
ON
20
Ω
www.clare.com
DS-LBA126L-R1.0
LBA126L
Single Pole OptoMOS® Relays
1
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics
of Normally Open (Form
A) Devices
Switching Characteristics
of Normally Closed (Form
B) Devices
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket
Size)
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized: File Number E76270
• CSA Certified: File Number LR 43639-10
• Certified to:
• EN 60950
• EN 41003
• IEC950
• AS/NZS 3260
• Small 8 Pin DIP Package
• Current Limit
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750V
RMS Input/Output Isolation
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available
CONTROL
10ms
10%
90%
90%
+
+
TON
TOFF
+
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
1
2
3
4
8
7
6
5
LBA126L Pinout
+ Control - Normally Closed
– Control - Normally Closed
+ Control - Normally Open
– Control - Normally Open
Normally Closed Pole
Normally Open Pole
AC/DC Configuration
LBA126L is a Dual 1 Form-A solid state relay that has
two independently controlled optically coupled
MOSFETs with an additional current limiting circuit.
The efficient MOSFET switches and photovoltaic die
use Clare’s patented OptoMOS architecture to provide
3750 V
RMS of input to output isolation. The optically
coupled inputs are controlled by highly efficient
GaAIAs infrared LEDs. Dual pole OptoMOS relays
provide a more compact design solution than discrete
single pole relays in a variety of applications. The dual
pole relays save board space by incorporating both
relays in a single 8-pin package.


Similar Part No. - LBA126PL

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LBA126P CLARE-LBA126P Datasheet
126Kb / 9P
DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LBA126P IXYS-LBA126P Datasheet
152Kb / 9P
Dual Single-Pole OptoMOS Relay
logo
Clare, Inc.
LBA126PTR CLARE-LBA126PTR Datasheet
126Kb / 9P
DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LBA126PTR IXYS-LBA126PTR Datasheet
152Kb / 9P
Dual Single-Pole OptoMOS Relay
More results

Similar Description - LBA126PL

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA126 CLARE-LCA126 Datasheet
100Kb / 6P
Single Pole OptoMOS Relays
PAA110 CLARE-PAA110 Datasheet
148Kb / 7P
Single Pole OptoMOS Relays
PAA140 CLARE-PAA140 Datasheet
150Kb / 7P
Single Pole OptoMOS Relays
PLA110 CLARE-PLA110 Datasheet
482Kb / 6P
Single Pole OptoMOS Relays
PLA132 CLARE-PLA132 Datasheet
75Kb / 4P
SINGLE POLE OptoMOS Relays
PLA140L CLARE-PLA140L Datasheet
138Kb / 6P
Single Pole OptoMOS Relays
PLA191 CLARE-PLA191 Datasheet
472Kb / 6P
Single Pole OptoMOS Relays
LCA712 CLARE-LCA712 Datasheet
277Kb / 6P
Single Pole OptoMOS Relays
PLA192 CLARE-PLA192 Datasheet
483Kb / 5P
Single Pole OptoMOS Relays
logo
IXYS Corporation
PLA191 IXYS-PLA191 Datasheet
122Kb / 7P
Single Pole OptoMOS Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com