Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA110L Datasheet(PDF) 1 Page - Clare, Inc.

Part # PLA110L
Description  Single Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA110L Datasheet(HTML) 1 Page - Clare, Inc.

  PLA110L Datasheet HTML 1Page - Clare, Inc. PLA110L Datasheet HTML 2Page - Clare, Inc. PLA110L Datasheet HTML 3Page - Clare, Inc. PLA110L Datasheet HTML 4Page - Clare, Inc. PLA110L Datasheet HTML 5Page - Clare, Inc. PLA110L Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-PLA110L-R4.0
1
PLA110L
Single Pole OptoMOS® Relays
PLA110L is a 1-Form-A solid state relay which uses
optically coupled MOSFET technology to provide
3750V of input to output isolation. The efficient cur-
rent limited MOSFET switches and photovoltaic die
use Clare’s patented OptoMOS® architecture. The
optically-coupled input is controlled by a highly effi-
cient GaAIAs infrared LED. The PLA110L can be
used to replace mechanical relays and offers the
superior reliability associated with semiconductor
devices. Because they have no moving parts, they
can offer faster, bounce-free switching in a more
compact surface mount or through hole package.
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket
Size)
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized: File Number E76270
• CSA Certified: File Number LR 43639-10
• BSI Certified:
• BS EN 60950:1992 (BS7002:1992)
Certificate #:7344
• BS EN 41003:1993
Certificate #:7344
• Small 6 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750V
RMS Input/Output Isolation
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Current Limiting, Surface Mount and Tape & Reel
Versions Available
Applications
Features
Description
Approvals
Ordering Information
Part #
Description
PLA110L
6 Pin Dip (50/Tube)
PLA110LS
6 Pin Surface Mount (50/Tube)
PLA110LSTR
6 Pin Surface Mount (1000/Reel)
PLA110L
Units
Load Voltage
400
V
Load Current
150
mA
Max R
ON
25
Ω
Pin Configuration
1
3
2
4
5
6
+ Control
Ð Control
NC
Load
Do Not Use
Load
AC/DC Configuration
PLA110L Pinout
1
3
2
4
5
6
+ Control
Ð Control
NC
+ Load
Ð Load
DC Only Configuration
PLA110L Pinout
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+


Similar Part No. - PLA110L

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
logo
Littelfuse
PLA110L LITTELFUSE-PLA110L Datasheet
200Kb / 7P
400V, 150mA Single-Pole
11/18/2025
logo
IXYS Corporation
PLA110LS IXYS-PLA110LS Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
logo
Littelfuse
PLA110LS LITTELFUSE-PLA110LS Datasheet
200Kb / 7P
400V, 150mA Single-Pole
11/18/2025
logo
IXYS Corporation
PLA110LSTR IXYS-PLA110LSTR Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results

Similar Description - PLA110L

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA126 CLARE-LCA126 Datasheet
100Kb / 6P
Single Pole OptoMOS Relays
PAA110 CLARE-PAA110 Datasheet
148Kb / 7P
Single Pole OptoMOS Relays
PAA140 CLARE-PAA140 Datasheet
150Kb / 7P
Single Pole OptoMOS Relays
PLA110 CLARE-PLA110 Datasheet
482Kb / 6P
Single Pole OptoMOS Relays
PLA132 CLARE-PLA132 Datasheet
75Kb / 4P
SINGLE POLE OptoMOS Relays
PLA140L CLARE-PLA140L Datasheet
138Kb / 6P
Single Pole OptoMOS Relays
LBA126L CLARE-LBA126L Datasheet
117Kb / 4P
Single Pole OptoMOS Relays
LCA712 CLARE-LCA712 Datasheet
277Kb / 6P
Single Pole OptoMOS Relays
PLA192 CLARE-PLA192 Datasheet
483Kb / 5P
Single Pole OptoMOS Relays
logo
IXYS Corporation
PLA191 IXYS-PLA191 Datasheet
122Kb / 7P
Single Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com