Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4140 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB4140
Description  USB Type C Receptacle, Vertical, SMT, For Power charging only, H=6.50mm, 6 Pin
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4140 Datasheet(HTML) 2 Page - Global Connector Technology

  USB4140 Datasheet HTML 1Page - Global Connector Technology USB4140 Datasheet HTML 2Page - Global Connector Technology USB4140 Datasheet HTML 3Page - Global Connector Technology USB4140 Datasheet HTML 4Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4.60
7.75
8.64
2x 0.60
2x 1.10
2x 1.10
2x 1.60
1.00
3.04
5.50
2x 0.80
2x 0.76
2x 0.70
Ø0.65
A12
A9
A5
B12 B9
B5
Recommended PCB Layout
Tolerance: ±0.05mm
Component Outline
Solder Area
Pin
Signal
Mating
Sequence
A5
CC1
Second
A9
VBUS
First
A12
GND
First
B5
CC2
Second
B9
VBUS
First
B12
GND
First
SHELL
GND
8.64
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
2/4
USB Type C Receptacle, Vertical, SMT,
For Power charging only, H=6.50mm, 6 Pin
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4140
A1
25th February 2022
27/06/22
www.gct.co
Cap Information
0.85



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com