Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4140 Datasheet(PDF) 3 Page - Global Connector Technology

Part # USB4140
Description  USB Type C Receptacle, Vertical, SMT, For Power charging only, H=6.50mm, 6 Pin
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4140 Datasheet(HTML) 3 Page - Global Connector Technology

  USB4140 Datasheet HTML 1Page - Global Connector Technology USB4140 Datasheet HTML 2Page - Global Connector Technology USB4140 Datasheet HTML 3Page - Global Connector Technology USB4140 Datasheet HTML 4Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
3/4
USB Type C Receptacle, Vertical, SMT,
For Power charging only, H=6.50mm, 6 Pin
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4140
A1
25th February 2022
27/06/22
www.gct.co
Plug and Receptacle Mating View
USB4151
(Plug assembly)
PCB
Panel for plug
PCB
Panel for plug
USB4155
(Plug assembly)
PCB
Cable Plug
USB4140
(Receptacle assembly)
USB4140
(Receptacle assembly)
USB4140
(Receptacle assembly)
PCB
PCB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com