Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4140 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB4140
Description  USB Type C Receptacle, Vertical, SMT, For Power charging only, H=6.50mm, 6 Pin
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4140 Datasheet(HTML) 1 Page - Global Connector Technology

  USB4140 Datasheet HTML 1Page - Global Connector Technology USB4140 Datasheet HTML 2Page - Global Connector Technology USB4140 Datasheet HTML 3Page - Global Connector Technology USB4140 Datasheet HTML 4Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
8.94
0.10
A12
B12 B9
B5
A9
A5
T=0.30
8.64±0.15
4.60±0.15
8.34+0.06
-0.02
8.31
2x 0.60±0.05
2x 0.56±0.05
2x 0.50±0.05
1.00±0.05
3.04
5.50
3.16
2x 1.80±0.15
2x 0.60±0.05
2x 0.70±0.05
7.75±0.10
2x Ø0.55±0.05
A
A
Ordering Grid
Contact Plating
GF = Gold Flash
USB4140
GF
XXXX
Shell Stake Length "S"
0070 = 0.70mm
0170 = 1.70mm
0230 = 2.30mm
C
Packing Options
C = Tape & Reel with Cap
(400 per reel)
Request Samples
and Quotation
Specifications
Material
Insulator: PA9T, UL 94V-0, Black
Contact: Copper Alloy
Shell: Stainless Steel
Middle Plate: Stainless Steel
Plating
Contact
Contact Area: Gold Flash Over 50µ" min. Nickel
Solder Tails: Gold Flash Over 50µ" min. Nickel
Shell: 30µ" min. Nickel
Middle Plate: Clear
Electrical
Current Rating:
3.00A collectively for VBUS pins
4.25A collectively for GND pins
1.25A for A5/B5 pin
Voltage Rating: 20V DC
Contact Resistance: 40mΩ max initial.
50mΩ max after test
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance 100MΩ min
Mechanical & Environmental
Operating Temperature: -25°C to +85°C
Mating Force: 5 to 20 N.
Unmated Force: 6 to 20 N after test
Durability: 20K cycles
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/4
USB Type C Receptacle, Vertical, SMT,
For Power charging only, H=6.50mm, 6 Pin
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4140
A1
25th February 2022
27/06/22
www.gct.co
4.65
T=0.15
Section:A-A


Similar Part No. - USB4140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB4145 ETC-USB4145 Datasheet
224Kb / 4P
USB2.0 TYPE C Receptacle, Vertical, SMT, H=7.46mm, 16pin
28/06/22
logo
Global Connector Techno...
USB4145 GCT-USB4145 Datasheet
240Kb / 4P
USB2.0 Type C Receptacle, Vertical, SMT, H=7.46mm, 16 Pin
28th June 2022
logo
List of Unclassifed Man...
USB4145-03-0070-C ETC-USB4145-03-0070-C Datasheet
224Kb / 4P
USB2.0 TYPE C Receptacle, Vertical, SMT, H=7.46mm, 16pin
28/06/22
USB4145-03-0170-C ETC-USB4145-03-0170-C Datasheet
224Kb / 4P
USB2.0 TYPE C Receptacle, Vertical, SMT, H=7.46mm, 16pin
28/06/22
USB4145-03-0230-C ETC-USB4145-03-0230-C Datasheet
224Kb / 4P
USB2.0 TYPE C Receptacle, Vertical, SMT, H=7.46mm, 16pin
28/06/22
More results

Similar Description - USB4140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB4715 ETC-USB4715 Datasheet
188Kb / 4P
Type C Receptacle, Horizontal, Mid-Mount, SMT, IP67, For Power Charging Only, 6 Pin
04/07/22
logo
Global Connector Techno...
USB4120 GCT-USB4120 Datasheet
206Kb / 3P
USB 2.0 Type C Receptacle, 16contacts, Vertical, SMT, H=6.5mm
28th September 2020
USB4125 GCT-USB4125 Datasheet
163Kb / 2P
Type C Receptacle, Horizontal, SMT, For Power Charging Only
28th September 2020
USB4130 GCT-USB4130 Datasheet
175Kb / 2P
USB Type C Receptacle, Vertical, SMT, For Power charging only
26th November 2020
USB4135 GCT-USB4135 Datasheet
163Kb / 2P
Type C Receptacle, Horizontal, SMT, For Power Charging Only
21st January 2022
USB4145 GCT-USB4145 Datasheet
240Kb / 4P
USB2.0 Type C Receptacle, Vertical, SMT, H=7.46mm, 16 Pin
28th June 2022
USB4160 GCT-USB4160 Datasheet
229Kb / 4P
USB3.2 Gen2, Type C Receptacle, Vertical, SMT, H=7.46mm, 24 Pin
28th June 2022
USB4515 GCT-USB4515 Datasheet
166Kb / 2P
USB Type C Receptacle, SMT Type, Mid Mount, 1.6mm Offset, For Power Charging Only
1st July 2021
USB4715 GCT-USB4715 Datasheet
303Kb / 4P
Type C Receptacle, Horizontal, Mid-Mount, SMT, IP67, For Power Charging Only, 6 Pin
4th July 2022
USB4180 GCT-USB4180 Datasheet
164Kb / 3P
Type C Plug, Vertical, SMT, For Power Charging Only 6 Pin, Without Latches
24th March 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com