Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM4850ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADM4850ARMZ
Description  5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4850ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM4850ARMZ Datasheet HTML 4Page - Analog Devices ADM4850ARMZ Datasheet HTML 5Page - Analog Devices ADM4850ARMZ Datasheet HTML 6Page - Analog Devices ADM4850ARMZ Datasheet HTML 7Page - Analog Devices ADM4850ARMZ Datasheet HTML 8Page - Analog Devices ADM4850ARMZ Datasheet HTML 9Page - Analog Devices ADM4850ARMZ Datasheet HTML 10Page - Analog Devices ADM4850ARMZ Datasheet HTML 11Page - Analog Devices ADM4850ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM4850 to ADM4857
Data Sheet
Rev. F | Page 8 of 16
Figure 5. ADM4850/ADM4852/ADM4853, 8-Lead LFCSP, Pin Configuration
Table 9. ADM4850/ADM4852/ADM4853, 8-Lead LFCSP, Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RO
Receiver Output. When RO is enabled and (A − B) ≥ −30 mV, RO is high. When RO is enabled and (A − B) ≤ −200 mV,
RO is low.
2
RE
Receiver Output Enable. A low level on RE enables the receiver output (RO). A high level on RE places RO into a high
impedance state.
3
DE
Driver Output Enable. A high level on DE enables the driver differential outputs (A and B). A low level places the
driver differential outputs into a high impedance state.
4
DI
Driver Input. When the driver is enabled, a logic low on DI forces A low and B high, whereas a logic high on DI
forces A high and B low.
5
GND
Ground.
6
A
Noninverting Receiver Input A/Noninverting Driver Output A.
7
B
Inverting Receiver Input B/Inverting Driver Output B.
8
V
CC
5 V Power Supply.
EPAD
Exposed Pad. The exposed paddle on the underside of the package must be soldered to the ground plane to
increase the reliability of the solder joints and to maximize the thermal capability of the package.
Figure 6. ADM4854/ADM4855/ADM4856/ADM4857, 8-Lead SOIC, Pin Configuration
Table 10. ADM4854/ADM4855/ADM4856/ADM4857, 8-Lead SOIC, Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V
CC
5 V Power Supply.
2
RO
Receiver Output. When RO is enabled and (A − B) ≥ −30 mV, RO is high. When RO is enabled and (A − B) ≤ −200 mV,
RO is low.
3
DI
Driver Input. When the driver is enabled, a logic low on DI forces Y low and Z high, whereas a logic high on DI forces
Y high and Z low.
4
GND
Ground.
5
Y
Noninverting Driver Output.
6
Z
Inverting Driver Output.
7
B
Inverting Receiver Input.
8
A
Noninverting Receiver Input.
NOTES
1. THE EXPOSED PADDLE ON THE UNDERSIDE
OF THE PACKAGE SHOULD BE SOLDERED
TO THE GROUND PLANE TO INCREASE THE
RELIABILITY OF THE SOLDER JOINTS AND
TO MAXIMIZE THE THERMAL CAPABILITY OF
THE PACKAGE.
RO
RE
DE
DI
B
VCC
ADM4850/ADM4852/ADM4853
A
GND
3
4
1
2
6
5
8
7
TOP VIEW
(Not to Scale)
VCC 1
A
8
GND
4
Y
5
ADM4854/
ADM4855/
ADM4856/
ADM4857
TOP VIEW
(Not to Scale)
RO
2
B
7
DI
Z
6
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com