Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM4850ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM4850ARMZ
Description  5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4850ARMZ Datasheet(HTML) 1 Page - Analog Devices

  ADM4850ARMZ Datasheet HTML 1Page - Analog Devices ADM4850ARMZ Datasheet HTML 2Page - Analog Devices ADM4850ARMZ Datasheet HTML 3Page - Analog Devices ADM4850ARMZ Datasheet HTML 4Page - Analog Devices ADM4850ARMZ Datasheet HTML 5Page - Analog Devices ADM4850ARMZ Datasheet HTML 6Page - Analog Devices ADM4850ARMZ Datasheet HTML 7Page - Analog Devices ADM4850ARMZ Datasheet HTML 8Page - Analog Devices ADM4850ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
5 V, Slew Rate Limited, Half-Duplex and
Full Duplex RS-485/RS-422 Transceivers
Data Sheet
ADM4850 to ADM4857
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Electronics industries alliance (EIA) RS-485/RS-422 compliant
Data rate options
ADM4850/ADM4854: 115 kbps
ADM4851/ADM4855: 500 kbps
ADM4852/ADM4856: 2.5 Mbps
ADM4853/ADM4857: 10 Mbps
Half-duplex and full duplex options
Reduced slew rates for low electromagnetic interference (EMI)
True fail-safe receiver inputs
5 µA (maximum) supply current in shutdown mode
Up to 256 transceivers on one bus
Outputs high-Z when disabled or powered off
−7 V to +12 V bus common-mode range
Thermal shutdown and short-circuit protection
Pin-compatible with the MAX308x
Specified over the −40°C to +85°C temperature range
Available in 8-lead SOIC, 8-lead LFCSP, and 8-lead MSOP
Qualified for automotive applications
APPLICATIONS
Low power RS-485 applications
EMI sensitive systems
DTE to DCE interfaces
Industrial control
Packet switching
Local area networks
Level translators
GENERAL DESCRIPTION
The ADM4850/ADM4851/ADM4852/ADM4853/ADM4854/
ADM4855/ADM4856/ADM4857 are differential line transceivers
suitable for high speed, half-duplex and full duplex data
communication on multipoint bus transmission lines. They
are designed for balanced data transmission and comply with
EIA Standards RS-485 and RS-422. The ADM4850/ADM4851/
ADM4852/ADM4853 are half-duplex transceivers that share
differential lines and have separate enable inputs for the driver
and receiver. The full duplex ADM4854/ADM4855/ADM4856/
ADM4857 transceivers have dedicated differential line driver
outputs and receiver inputs.
The devices have a 1/8-unit load receiver input impedance,
which allows up to 256 transceivers on one bus. Because only one
driver must be enabled at any time, the output of a disabled or
powered down driver is three-stated to avoid overloading the bus.
The receiver inputs have a true fail-safe feature, which ensures a
logic high output level when the inputs are open or shorted.
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. ADM4850/ADM4851/ADM4852/ADM4853 Functional Block Diagram
Figure 2. ADM4854/ADM4855/ADM4856/ADM4857 Functional Block Diagram
This guarantees that the receiver outputs are in a known state
before communication begins and when communication ends.
The driver outputs are slew rate limited to reduce EMI and data
errors caused by reflections from improperly terminated buses.
Excessive power dissipation caused by bus contention or by
output shorting is prevented with a thermal shutdown circuit.
The devices are fully specified over the commercial and industrial
temperature ranges and are available in 8-lead SOIC (ADM4850
through ADM4857), 8-lead LFCSP (ADM4850/ADM4852/
ADM4853), and 8-lead MSOP (ADM4850 only) packages.
Table 1. Selection Table
Device No.
Half-Duplex/Full Duplex
Data Rate
ADM4850
Half
115 kbps
ADM4851
Half
500 kbps
ADM4852
Half
2.5 Mbps
ADM4853
Half
10 Mbps
ADM4854
Full
115 kbps
ADM4855
Full
500 kbps
ADM4856
Full
2.5 Mbps
ADM4857
Full
10 Mbps
RO
RE
R
DE
DI
D
A
B
GND
VCC
ADM4850/ADM4851/
ADM4852/ADM4853
RO
R
A
B
DI
D
Z
Y
GND
VCC
ADM4854/ADM4855/
ADM4856/ADM4857


Similar Part No. - ADM4850ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4850ARMZ AD-ADM4850ARMZ Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850ARMZ-REEL7 AD-ADM4850ARMZ-REEL7 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
More results

Similar Description - ADM4850ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4853 AD-ADM4853 Datasheet
438Kb / 16P
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
10/04-Revision 0
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4852 AD-ADM4852_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4854 AD-ADM4854_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4857 AD-ADM4857_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com