Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM4850ARMZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADM4850ARMZ
Description  5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4850ARMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM4850ARMZ Datasheet HTML 8Page - Analog Devices ADM4850ARMZ Datasheet HTML 9Page - Analog Devices ADM4850ARMZ Datasheet HTML 10Page - Analog Devices ADM4850ARMZ Datasheet HTML 11Page - Analog Devices ADM4850ARMZ Datasheet HTML 12Page - Analog Devices ADM4850ARMZ Datasheet HTML 13Page - Analog Devices ADM4850ARMZ Datasheet HTML 14Page - Analog Devices ADM4850ARMZ Datasheet HTML 15Page - Analog Devices ADM4850ARMZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADM4850 to ADM4857
Data Sheet
Rev. F | Page 12 of 16
SWITCHING CHARACTERISTICS
Figure 25. Driver Propagation Delay, Rise/Fall Timing
Figure 26. Receiver Propagation Delay
Figure 27. Driver Enable/Disable Timing
Figure 28. Receiver Enable/Disable Timing
3V
0V
5V
0V
A
B
VOD
tR
tF
tPLH
tPHL
90% POINT
10% POINT
90% POINT
10% POINT
tSKEW = |tPLH – tPHL|
1/2VOD
1.5V
1.5V
1.5V
1.5V
tPLH
tPHL
RO
VOH
0V
A, B
0V
VOL
tSKEW = |tPLH – tPHL|
A, B
A, B
DE
3V
0V
0V
VOH
VOL
1.5V
tLZ
tZL
1.5V
tHZ
tZH
2.3V
2.3V
VOL + 0.5V
VOH – 0.5V
RO
RO
RE
3V
0V
0V
1.5V
1.5V
1.5V
1.5V
OUTPUT HIGH
OUTPUT LOW
tLZ
tZL
tHZ
tZH
VOL + 0.5V
VOH – 0.5V
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com