Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX202EC/D Datasheet(PDF) 3 Page - Analog Devices

Part # MAX202EC/D
Description  ±15kV ESD-Protected, 5V RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX202EC/D Datasheet(HTML) 3 Page - Analog Devices

  MAX202EC/D Datasheet HTML 1Page - Analog Devices MAX202EC/D Datasheet HTML 2Page - Analog Devices MAX202EC/D Datasheet HTML 3Page - Analog Devices MAX202EC/D Datasheet HTML 4Page - Analog Devices MAX202EC/D Datasheet HTML 5Page - Analog Devices MAX202EC/D Datasheet HTML 6Page - Analog Devices MAX202EC/D Datasheet HTML 7Page - Analog Devices MAX202EC/D Datasheet HTML 8Page - Analog Devices MAX202EC/D Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
(VCC = +5V ±10% for MAX202E/206E/208E/211E/213E/232E/241E; VCC = +5V ±5% for MAX203E/205E/207E; C1–C4 = 0.1μF for
MAX202E/206E/207E/208E/211E/213E; C1–C4 = 1μF for MAX232E/241E; TA = TMIN to TMAX; unless otherwise noted. Typical values
are at TA = +25°C.)
Note 1: MAX211EE_ _ tested with VCC = +5V ±5%.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EIA/TIA-232E RECEIVER INPUTS
Input Voltage Range
-30
30
V
Input Threshold Low
TA = +25°C,
VCC = 5V
All parts, normal operation
0.8
1.2
V
MAX213E, SHDN = 0V,
EN = VCC
0.6
1.5
Input Threshold High
TA = +25°C,
VCC = 5V
All parts, normal operation
1.7
2.4
V
MAX213E (R4, R5),
SHDN
= 0V, EN = VCC
1.5
2.4
Input Hysteresis
VCC = 5V, no hysteresis in shutdown
0.2
0.5
1.0
V
Input Resistance
TA = +25°C, VCC = 5V
3
5
7
kΩ
EIA/TIA-232E TRANSMITTER OUTPUTS
Output Voltage Swing
All drivers loaded with 3kΩ to ground (Note 1)
±5
±9
V
Output Resistance
VCC = V+ = V- = 0V, VOUT = ±2V
300
Ω
Output Short-Circuit Current
±10
±60
mA
TIMING CHARACTERISTICS
Maximum Data Rate
RL = 3kΩ to 7kΩ, CL = 50pF to 1000pF,
one transmitter switching
120
kbps
Receiver Propagation Delay
tPLHR,
tPHLR
CL = 150pF
All parts, normal operation
0.5
10
µs
MAX213E (R4, R5),
SHDN
= 0V, EN = VCC
4
40
Receiver Output Enable Time
MAX205E/206E/211E/213E/241E normal
operation, Figure 2
600
ns
Receiver Output Disable Time
MAX205E/206E/211E/213E/241E normal
operation, Figure 2
200
ns
Transmitter Propagation Delay
tPLHT,
tPHLT
RL = 3kΩ, CL = 2500pF, all transmitters
loaded
2
µs
Transition-Region Slew Rate
TA = +25°C, VCC = 5V, RL = 3kΩ to 7kΩ,
CL = 50pF to 1000pF, measured from -3V to
+3V or +3V to -3V, Figure 3
3
6
30
V/μs
ESD PERFORMANCE: TRANSMITTER OUTPUTS, RECEIVER INPUTS
ESD-Protection Voltage
Human Body Model
±15
kV
IEC1000-4-2, Contact Discharge
±8
IEC1000-4-2, Air-Gap Discharge
±15
www.analog.com
Analog Devices │ 3
MAX202E–MAX213E,
MAX232E/MAX241E
±15kV ESD-Protected,
5V RS-232 Transceivers
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com