Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX202EC/D Datasheet(PDF) 8 Page - Analog Devices

Part # MAX202EC/D
Description  ±15kV ESD-Protected, 5V RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX202EC/D Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX202EC/D Datasheet HTML 4Page - Analog Devices MAX202EC/D Datasheet HTML 5Page - Analog Devices MAX202EC/D Datasheet HTML 6Page - Analog Devices MAX202EC/D Datasheet HTML 7Page - Analog Devices MAX202EC/D Datasheet HTML 8Page - Analog Devices MAX202EC/D Datasheet HTML 9Page - Analog Devices MAX202EC/D Datasheet HTML 10Page - Analog Devices MAX202EC/D Datasheet HTML 11Page - Analog Devices MAX202EC/D Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Figure 1. Shutdown-Current Test Circuit (MAX206E,
MAX211E/MAX213E/MAX241E)
Figure 2. Receiver Output Enable and Disable Timing
(MAX205E/MAX206E/MAX211E/MAX213E/MAX241E)
PIN
NAME
FUNCTION
1, 2, 3, 28
VT_OUT
RS-232 Driver Outputs
4, 9, 18, 23, 27
R_IN
RS-232 Receiver Inputs
5, 8, 19, 22, 26
R_OUT
TTL/CMOS Receiver Outputs. For the MAX213E, receivers R4 and R5 are active in shutdown
mode when EN = 1. For the MAX211E and MAX241E, all receivers are inactive in shutdown.
6, 7, 20, 21
T_IN
TTL/CMOS Driver Inputs. Only the MAX211E, MAX213E, and MAX241E have internal pullups to VCC.
10
GND
Ground
11
VCC
+4.5V to +5.5V Supply Voltage
12, 14
C1+, C1-
Terminals for Positive Charge-Pump Capacitor
13
V+
+2VCC Voltage Generated by the Charge Pump
15, 16
C2+, C2-
Terminals for Negative Charge-Pump Capacitor
17
V-
-2VCC Voltage Generated by the Charge Pump
24
EN
Receiver Enable—Active Low (MAX211E, MAX241E)
EN
Receiver Enable—Active High (MAX213E)
25
SHDN
Shutdown Control—Active High (MAX211E, MAX241E)
SHDN
Shutdown Control—Active Low (MAX213E)
www.analog.com
Analog Devices │ 8
MAX202E–MAX213E,
MAX232E/MAX241E
±15kV ESD-Protected,
5V RS-232 Transceivers
Pin Descriptions (continued)
MAX211E/MAX213E/MAX241E
V+
GND
MAX206E
MAX211E
MAX213E
MAX241E
VCC
0.1µF
*
0.1µF
*
0.1µF
*
0.1µF
*
0.1µF
*
R1 TO R5
T1 TO T5
C1+
C1-
C2+
C2-
VCC
+5.5V
T_OUT
R_OUT
400kΩ
5kΩ
ISHDN
0V OR +5.5V
DRIVE
3kΩ
+5.5V
R_IN
T_IN
CAPACITORS MAY BE
POLARIZED OR UNPOLARIZED
( ) ARE FOR MAX213E
* 1µF FOR MAX241E
EN (EN)
SHDN (SHDN)
+5.5V (0V)
V-
+5.5V
+3.5V
EN
INPUT
OUTPUT ENABLE TIME
+2.5V
RECEIVER
OUTPUT
CL = 150pF
RECEIVER
OUTPUTS
OUTPUT DISABLE TIME
VOH- 0.1V
VOH
VOL
VOL+ 0.1V
RL= 1kΩ
NOTE:
POLARITY OF EN
IS REVERSED
FOR THE
MAX213E
+0.8V
0V
+3V
+3V
EN
INPUT
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com