Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX202EC/D Datasheet(PDF) 20 Page - Analog Devices

Part # MAX202EC/D
Description  ±15kV ESD-Protected, 5V RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX202EC/D Datasheet(HTML) 20 Page - Analog Devices

Back Button MAX202EC/D Datasheet HTML 16Page - Analog Devices MAX202EC/D Datasheet HTML 17Page - Analog Devices MAX202EC/D Datasheet HTML 18Page - Analog Devices MAX202EC/D Datasheet HTML 19Page - Analog Devices MAX202EC/D Datasheet HTML 20Page - Analog Devices MAX202EC/D Datasheet HTML 21Page - Analog Devices MAX202EC/D Datasheet HTML 22Page - Analog Devices MAX202EC/D Datasheet HTML 23Page - Analog Devices MAX202EC/D Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
www.analog.com
Analog Devices │ 20
MAX202E–MAX213E,
MAX232E/MAX241E
±15kV ESD-Protected,
5V RS-232 Transceivers
T3OUT
T1OUT
T2OUT
R2IN
R2OUT
T2IN
T1IN
R1OUT
R1IN
GND
VCC
C1+
V+
C1-
SO/SSOP
TOP VIEW
MAX211E
MAX213E
MAX241E
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
T4OUT
R3IN
R3OUT
SHDN (SHDN)
EN (EN)
R4IN
R4OUT
T4IN
T3IN
R5OUT
R5IN
V-
C2-
C2+
V+
6.3V
VCC
0.1µF
0.1µF
*
0.1µF
*
0.1µF
*
0.1µF
*
16V
C1+
C1-
6.3V
16V
TTL/CMOS
INPUTS
GND
SHDN (SHDN)
V-
12
14
15
16
+5V INPUT
C2+
C2-
13
17
+5V
T1OUT
400kΩ
400kΩ
400kΩ
400kΩ
T1IN
T1
2
+5V
T2OUT
T2IN
T2
3
+5V
T3OUT
T3IN
T3
1
+5V
T4OUT
T4IN
T4
28
5kΩ
5kΩ
5kΩ
5kΩ
5kΩ
R1
R1OUT
R1IN
R2
R2OUT
R2IN
R3
R3OUT
R3IN
7
6
20
21
8
5
26
9
4
27
R4OUT
R4IN 3
2
2
2
R5
R5OUT
R5IN 8
1
9
1
EN (EN)
24
25
10
+5V TO +10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
11
( ) ARE FOR MAX213E ONLY
* 1.0µF CAPACITORS, MAX241E ONLY
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
RS-232
INPUTS
R4
Pin Configurations and Typical Operating Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com