Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX232EC/D Datasheet(PDF) 7 Page - Analog Devices

Part # MAX232EC/D
Description  ±15kV ESD-Protected, 5V RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX232EC/D Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX232EC/D Datasheet HTML 3Page - Analog Devices MAX232EC/D Datasheet HTML 4Page - Analog Devices MAX232EC/D Datasheet HTML 5Page - Analog Devices MAX232EC/D Datasheet HTML 6Page - Analog Devices MAX232EC/D Datasheet HTML 7Page - Analog Devices MAX232EC/D Datasheet HTML 8Page - Analog Devices MAX232EC/D Datasheet HTML 9Page - Analog Devices MAX232EC/D Datasheet HTML 10Page - Analog Devices MAX232EC/D Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
PIN
NAME
FUNCTION
1, 2, 3, 24
T_OUT
RS-232 Driver Outputs
4, 16, 23
R_IN
RS-232 Receiver Inputs
5, 17, 22
R_OUT
TTL/CMOS Receiver Outputs. All receivers are inactive in shutdown.
6, 7, 18, 19
T_IN
TTL/CMOS Driver Inputs. Internal pullups to VCC.
8
GND
Ground
9
VCC
+4.5V to +5.5V Supply Voltage
10, 12
C1+, C1-
Terminals for Positive Charge-Pump Capacitor
11
V+
+2VCC Generated by the Charge Pump
13, 14
C2+, C2-
Terminals for Negative Charge-Pump Capacitor
15
V-
-2VCC Generated by the Charge Pump
20
EN
Receiver Enable—Active Low
21
SHDN
Shutdown Control—Active High
PIN
NAME
FUNCTION
1, 2, 3, 20, 24
T_OUT
RS-232 Driver Outputs
4, 16, 23
R_IN
RS-232 Receiver Inputs
5, 17, 22
R_OUT
TTL/CMOS Receiver Outputs. All receivers are inactive in shutdown.
6, 7, 18, 19, 21
T_IN
TTL/CMOS Driver Inputs. Internal pullups to VCC.
8
GND
Ground
9
VCC
+4.75V to +5.25V Supply Voltage
10, 12
C1+, C1-
Terminals for Positive Charge-Pump Capacitor
11
V+
+2VCC Generated by the Charge Pump
13, 14
C2+, C2-
Terminals for Negative Charge-Pump Capacitor
15
V-
-2VCC Generated by the Charge Pump
PIN
NAME
FUNCTION
1, 2, 20, 24
T_OUT
RS-232 Driver Outputs
3, 7, 16, 23
R_IN
RS-232 Receiver Inputs
4, 6, 17, 22
R_OUT
TTL/CMOS Receiver Outputs. All receivers are inactive in shutdown.
5, 18, 19, 21
T_IN
TTL/CMOS Driver Inputs. Internal pullups to VCC.
8
GND
Ground
9
VCC
+4.5V to +5.5V Supply Voltage
10, 12
C1+, C1-
Terminals for Positive Charge-Pump Capacitor
11
V+
+2VCC Generated by the Charge Pump
13, 14
C2+, C2-
Terminals for Negative Charge-Pump Capacitor
15
V-
-2VCC Generated by the Charge Pump
www.analog.com
Analog Devices │ 7
MAX202E–MAX213E,
MAX232E/MAX241E
±15kV ESD-Protected,
5V RS-232 Transceivers
Pin Descriptions (continued)
MAX206E
MAX207E
MAX208E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com