Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX232EC/D Datasheet(PDF) 12 Page - Analog Devices

Part # MAX232EC/D
Description  ±15kV ESD-Protected, 5V RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX232EC/D Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX232EC/D Datasheet HTML 8Page - Analog Devices MAX232EC/D Datasheet HTML 9Page - Analog Devices MAX232EC/D Datasheet HTML 10Page - Analog Devices MAX232EC/D Datasheet HTML 11Page - Analog Devices MAX232EC/D Datasheet HTML 12Page - Analog Devices MAX232EC/D Datasheet HTML 13Page - Analog Devices MAX232EC/D Datasheet HTML 14Page - Analog Devices MAX232EC/D Datasheet HTML 15Page - Analog Devices MAX232EC/D Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
IEC1000-4-2
The IEC1000-4-2 standard covers ESD testing and per-
formance of finished equipment; it does not specifically
refer to integrated circuits. The MAX202E/MAX203E–
MAX213E, MAX232E/MAX241E help you design equip-
ment that meets level 4 (the highest level) of IEC1000-
4-2, without the need for additional ESD-protection
components.
The major difference between tests done using the
Human Body Model and IEC1000-4-2 is higher peak cur-
rent in IEC1000-4-2, because series resistance is lower
in the IEC1000-4-2 model. Hence, the ESD withstand
voltage measured to IEC1000-4-2 is generally lower than
that measured using the Human Body Model. Figure 7b
shows the current waveform for the 8kV IEC1000-4-2
level-four ESD contact-discharge test.
The air-gap test involves approaching the device with a
charged probe. The contact-discharge method connects
the probe to the device before the probe is energized.
Machine Model
The Machine Model for ESD tests all pins using a 200pF
storage capacitor and zero discharge resistance. Its
objective is to emulate the stress caused by contact that
occurs with handling and assembly during manufacturing.
Of course, all pins require this protection during manu-
facturing, not just RS-232 inputs and outputs. Therefore,
after PC board assembly, the Machine Model is less rel-
evant to I/O ports.
Figure 6a. Human Body ESD Test Model
Figure 7a. IEC1000-4-2 ESD Test Model
Figure 7b. IEC1000-4-2 ESD Generator Current Waveform
Figure 6b. Human Body Model Current Waveform
www.analog.com
Analog Devices │ 12
MAX202E–MAX213E,
MAX232E/MAX241E
±15kV ESD-Protected,
5V RS-232 Transceivers
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC 1MΩ
RD 1500Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
RC 50MΩ to 100MΩ
RD 330Ω
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
IP100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com