Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX232EC/D Datasheet(PDF) 2 Page - Analog Devices

Part # MAX232EC/D
Description  ±15kV ESD-Protected, 5V RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX232EC/D Datasheet(HTML) 2 Page - Analog Devices

  MAX232EC/D Datasheet HTML 1Page - Analog Devices MAX232EC/D Datasheet HTML 2Page - Analog Devices MAX232EC/D Datasheet HTML 3Page - Analog Devices MAX232EC/D Datasheet HTML 4Page - Analog Devices MAX232EC/D Datasheet HTML 5Page - Analog Devices MAX232EC/D Datasheet HTML 6Page - Analog Devices MAX232EC/D Datasheet HTML 7Page - Analog Devices MAX232EC/D Datasheet HTML 8Page - Analog Devices MAX232EC/D Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
VCC..........................................................................-0.3V to +6V
V+ .............................................................. (VCC - 0.3V) to +14V
V- ..........................................................................-14V to +0.3V
Input Voltages
T_IN.........................................................-0.3V to (V+ + 0.3V)
R_IN.................................................................................±30V
Output Voltages
T_OUT.............................................(V- - 0.3V) to (V+ + 0.3V)
R_OUT.................................................. -0.3V to (VCC + 0.3V)
Short-Circuit Duration, T_OUT..................................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C)...842mW
16-Pin Narrow SO (derate 8.70mW/°C above +70°C).....696mW
16-Pin Wide SO (derate 9.52mW/°C above +70°C) ...762mW
16-Pin TSSOP (derate 9.4mW/°C above +70°C)........755mW
20-Pin Plastic DIP (derate 11.11mW/°C above +70°C).....889mW
20-Pin SO (derate 10.00mW/°C above +70°C)...........800mW
24-Pin Narrow Plastic DIP
(derate 13.33mW/°C above +70°C) ..............................1.07W
24-Pin Wide Plastic DIP
(derate 14.29mW/°C above +70°C) ..............................1.14W
24-Pin SO (derate 11.76mW/°C above +70°C)...........941mW
24-Pin SSOP (derate 8.00mW/°C above +70°C)........640mW
28-Pin SO (derate 12.50mW/°C above +70°C)..................1W
28-Pin SSOP (derate 9.52mW/°C above +70°C)........762mW
Operating Temperature Ranges
MAX2_ _EC_ _...................................................0°C to +70°C
MAX2_ _EE_ _............................................... -40°C to +85°C
Storage Temperature Range..............................65°C to +165°C
Lead Temperature (soldering, 10s) .................................+300°C
(VCC = +5V ±10% for MAX202E/206E/208E/211E/213E/232E/241E; VCC = +5V ±5% for MAX203E/205E/207E; C1–C4 = 0.1μF for
MAX202E/206E/207E/208E/211E/213E; C1–C4 = 1μF for MAX232E/241E; TA = TMIN to TMAX; unless otherwise noted. Typical values
are at TA = +25°C.)
Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
VCC Supply Current
ICC
No load,
TA = +25°C
MAX202E/203E
8
15
mA
MAX205E–208E
11
20
MAX211E/213E
14
20
MAX232E
5
10
MAX241E
7
15
Shutdown Supply Current
TA = +25°C,
Figure 1
MAX205E/206E
1
10
μA
MAX211E/241E
1
10
MAX213E
15
50
LOGIC
Input Pullup Current
T_IN = 0V (MAX205E–208E/211E/213E/241E)
15
200
μA
Input Leakage Current
T_IN = 0V to VCC (MAX202E/203E/232E)
±10
μA
Input Threshold Low
VIL
T_IN; EN, SHDN (MAX213E) or
EN
, SHDN (MAX205E–208E/211E/241E)
0.8
V
Input Threshold High
VIH
T_IN
2.0
V
EN, SHDN (MAX213E) or EN, SHDN
(MAX205E–208E/211E/241E)
2.4
Output-Voltage Low
VOL
R_OUT; IOUT = 3.2mA (MAX202E/203E/232E) or
IOUT = 1.6mA (MAX205E/208E/211E/213E/241E)
0.4
V
Output-Voltage High
VOH
R_OUT; IOUT = -1.0mA
3.5
VCC - 0.4
V
Output Leakage Current
EN
= VCC, EN = 0V, 0V ≤ ROUT ≤ VCC,
MAX205E–208E/211E/213E/241E outputs
disabled
±0.05
±10
μA
www.analog.com
Analog Devices │ 2
MAX202E–MAX213E,
MAX232E/MAX241E
±15kV ESD-Protected,
5V RS-232 Transceivers
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com