Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAW Datasheet(PDF) 5 Page - DIWELL Electronics Co., Ltd.

Part # KAW
Description  30W WIDE INPUT RANGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

KAW Datasheet(HTML) 5 Page - DIWELL Electronics Co., Ltd.

  KAW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DANUBE
http://www.danube.com.tw
2013/06/27
5
RECOMMENDED FOOTPRINT DETAILS
GRID : 2.54mm
1
7
3
6
5
TOP VIEW
4
8
TYPICAL APPLICATIONS
SINGLE OUTPUT
DUAL OUTPUT
FIXED VOLTAGE OUTPUT
-Vin
LOAD
3
8
4
7
6
DC-DC
CONVERTER
TRIM
INPUT
OUTPUT
+Vout
+Vin
-Vout
5
-Vin
-Vout
DC-DC
CONVERTER
6
7
INPUT
8
3
LOAD
TRIM
+Vin
OUTPUT
+Vout
COMMON
4
LOAD
TRIM CONNECTIONS USING A TRIMPOT
+Vout
-Vin
-Vout
INPUT
DC-DC
CONVERTER
+Vin
LOAD
OUTPUT
TRIM
Trim Down
Trim Up
4
3
6
8
7
20K
OHM
+Vout
-Vin
-Vout
INPUT
DC-DC
CONVERTER
+Vin
LOAD
OUTPUT
TRIM
Trim Down
Trim Up
4
3
5
8
7
COMMON
LOAD
6
20K
OHM
FIXED-VALUE TRIM DOWN RESISTOR
+Vout
-Vin
-Vout
INPUT
DC-DC
CONVERTER
+Vin
LOAD
OUTPUT
TRIM
Trim Down
4
3
6
8
7
8
LOAD
7
4
DC-DC
CONVERTER
Trim Down
INPUT
OUTPUT
3
-Vin
5
TRIM
+Vin
+Vout
-Vout
COMMON
LOAD
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com