Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAW Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # KAW
Description  30W WIDE INPUT RANGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

KAW Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  KAW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DANUBE
http://www.danube.com.tw
2013/06/27
1
FEATURES
30W DIL PACKAGE
INDUSTRY STANDARD PACKAGE
9-18V,18-36V,36-72V,9-36V,18-72V WIDE
INPUT RANGE
100% BURN IN
HIGH EFFICIENCY
UL 94V-0 PACKAGE MATERIAL
CUSTOM SOLUTIONS AVAILABLE
RoHS COMPLIANT
3 YEARS WARRANTY
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
Voltage Setpoint Accuracy
Input Voltage Range
2:1 or 4:1 Input Range
Single Output
+/-2% max Input Filter
Pi Network
Dual Output
+/-2% max Protection
Fuse Recommended
5V
+/-2% max
Triple
12V/15V
+/-5% max GENERAL SPECIFICATIONS
Over Voltage Protection
Built-in Efficiency
75% min
Temperature Coefficient
+/-0.05%/°C Isolation Voltage
1
1500 VDC min
Ripple & Noise(20MHz BW)
2
100mVp-p max Isolation Resistance
10
9
ohms min
Line Regulation
3
Isolation Capacitance
2500pF max
Single
+/-0.5% max Switching Frequency
100KHz min
Dual
+/-0.5% max MTBF
4
>400,000 Hours
5V
+/-0.5% max Weight
110g Typ
Triple
12V/15V
+/-1.0% max Case Material
Six-Side Shielded Case
Load Regulation
5
Case Size
50.8mm*50.8mm*21mm
Single
+/-0.5% max Potting Material
Epoxy(UL94-V0)
Dual
+/-0.5% max Conducted Emissions
EN55022 Class A
Triple
+/-5% max Radiated Emissions
EN55022 Class A
Minimum load
10% of Full Load
Short Circuit Protection
Continuous ENVIRONMENTAL SPECIFICATIONS
Short Circuit Restart
Automatic Operating Temperature
-40°C to +71°C
External Trim Adj. Range
+/-10% Storage Temperature
-55°C to +100°C
Over Load Protection
180% Typ Case Temperature
+95°C max
Transient Response
6
500uS max Humidity
95% max
Cooling
Free-Air Convection
ALL SPECIFICATIONS TYPICAL AT NOMINAL LINE, FULL LOAD , AND 25 °C UNLESS OTHERWISE NOTED.
1 For 10 seconds.
2 Measured with 1uF ceramic capacitor connect to the output pins.
3 High Line to Low Line.
4 MIL-HDBK-217F @25 °C , Ground Benign.
5 Load Regulation is for output load current change from 10% to 100%.
6 25% Step Load Change.
KAW SERIES
30W WIDE INPUT RANGE


Similar Part No. - KAW

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
30W WIDE INPUT RANGE
2016/08/24
logo
Guangdong Kexin Industr...
KAW56 KEXIN-KAW56 Datasheet
41Kb / 1P
Dual Surface Mount Switching Diode
KAW567DW KEXIN-KAW567DW Datasheet
43Kb / 1P
Quad Surface Mount Switching Diode Array
KAW56DW KEXIN-KAW56DW Datasheet
43Kb / 1P
Quad Surface Mount Switching Diode Array
KAW56W KEXIN-KAW56W Datasheet
50Kb / 1P
Dual Surface Mount Switching Diode
More results

Similar Description - KAW

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
25-30W, Wide Input Range, Single Output DC/DC Converters
MPW1000 MINMAX-MPW1000 Datasheet
242Kb / 8P
25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
30W Wide Input DC/DC Converters
logo
Emerson Network Power
ALO20F36 EMERSON-NETWORKPOWER-ALO20F36 Datasheet
117Kb / 2P
Wide Range Input
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
Wide Input Range
logo
Total Power Internation...
MPW1000 TOTAL-POWER-MPW1000_17 Datasheet
488Kb / 8P
25~30W wide input range
logo
XP Power Limited
QSB300 XPPOWER-QSB300 Datasheet
148Kb / 4P
Wide Input Range
logo
DIWELL Electronics Co.,...
FEW DIWELL-FEW Datasheet
1Mb / 9P
20-30W WIDE INPUT RANGE
2016/09/20
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
30W WIDE INPUT RANGE
2016/08/24
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com